Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCS2200SQLT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCS2200SQLT1G
Description  Low Voltage Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2200SQLT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCS2200SQLT1G Datasheet HTML 7Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 8Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 9Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 10Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 11Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 12Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 13Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 14Page - ON Semiconductor NCS2200SQLT1G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCS2200, NCS2200A, NCV2200, NCS2202A
www.onsemi.com
11
OPERATING DESCRIPTION
The NCS2200 Series is an industry first sub−one volt, low
power comparator family. This series is designed for
rail−to−rail input and output performance. These devices
consume only 10
mA of supply current while achieving a
typical propagation delay of 1.1
ms at a 20 mV input
overdrive. Figures 10 and 11 show propagation delay with
various input overdrives. This comparator family is
guaranteed to operate at a low voltage of 0.85 V up to 6.0 V.
This is accomplished by the use of a modified analog CMOS
process that implements depletion MOSFET devices. The
common−mode input voltage range extends 0.1 V beyond
the upper and lower rail without phase inversion or other
adverse effects. This series is available in the SOT−23−5
package. Additionally, the NCS2200 device is available in
the tiny DFN 2x2.2 package and the SC70−5 package.
NCS2200A is available in UDFN package.
Output Stage
The NCS2200 has a complementary P and N Channel
output stage that has capability of driving a rail−to−rail
output swing with a load ranging up to 5.0 mA. It is designed
such that shoot−through current is minimized while
switching. This feature eliminates the need for bypass
capacitors under most circumstances.
The NCS2202 has an open drain N−channel output stage
that can be pulled up to 6.0 V (max) with an external resistor.
This facilitates mixed voltage system applications.
Figure 16. NCS2200/NCS2200A
Complementary Output Configuration
Figure 17. NCS2202/NCS2202A Open Drain
Output Configuration
VCC
VEE
Output
IN (+)
IN (−)
VCC
VEE
Output
IN (+)
IN (−)
Figure 18. Schmitt Trigger Oscillator
VCC
OUT
IN (+)
IN (−)
Rx
Cx
NCS
2200
VO
R2
R1
f
+ 1
T
+
1
2.2 RxCx
The oscillation frequency can be programmed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com