Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

G913 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # G913
Description  150mA Low-Dropout Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

G913 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  G913 Datasheet HTML 1Page - Interpoint Corporation Company G913 Datasheet HTML 2Page - Interpoint Corporation Company G913 Datasheet HTML 3Page - Interpoint Corporation Company G913 Datasheet HTML 4Page - Interpoint Corporation Company G913 Datasheet HTML 5Page - Interpoint Corporation Company G913 Datasheet HTML 6Page - Interpoint Corporation Company G913 Datasheet HTML 7Page - Interpoint Corporation Company G913 Datasheet HTML 8Page - Interpoint Corporation Company G913 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver 0.9 Preliminary
Jan 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G913
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
VIN to GND……………………………………-0.3V to +7V
Output Short-Circuit Duration………………….….Infinite
SET to GND.……………………………..…..-0.3V to +7V
SHDN to GND…………………..………….-0.3V to +7V
SHDN to IN….…………………..…………..-7V to +0.3V
OUT to GND…………………………-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +25°C)
SOT23-5……………………………………...…..520 mW
Operating Temperature Range………...-40°C to +85°C
Junction Temperature……………………….……+150°C
θJA
(1)….…..…………….…………….…..…..240°C/Watt
Storage Temperature Range………….-65°C to +160°C
Lead Temperature (soldering, 10sec)..…………+300°C
Note (1): See Recommended Minimum Footprint (Figure 3)
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rat-
ings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Electrical Characteristics
(VIN =+3.6V, V SHDN =VIN, TA =TJ =+25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNITS
Input Voltage (Note 2)
VIN
2.5
5.5
V
Output Voltage Accuracy
VOUT
Variation from specified VOUT, IOUT=1mA
-2
2
%
Adjustable Output Voltage Range (Note 3)
VOUT
VSET
5.5
V
Maximum Output Current
150
mA
Current Limit (Note 4)
ILIM
250
mA
ILOAD = 0mA
55
120
Ground Pin Current
IQ
SET = GND
ILOAD = 50mA
145
µA
IOUT = 1mA
2
IOUT = 50mA
70
Dropout Voltage (Note 5)
VDROP
IOUT =150mA
230
300
mV
SET=GND, VIN=V(STD)+0.1V,to 5.5V IOUT = 1mA
0.1
0.28
Line Regulation
∆VLNR
SET tied to OUT, VIN=2.5V to 5.5V, IOUT = 1mA
0.08
0.4
%/V
SET tied to OUT
0.02
0.8
Load Regulation
∆VLDR
IOUT = 0mA to 150mA
SET = GND
1.0
%
Output Voltage Noise (10Hz to 100kHz)
en
VIN=4.2V,
IOUT=150mA
COUT = 1µF
220
µVRMS
SHUTDOWN
VIH
Regulator enabled
VIN-0.7
SHDN
Input Threshold
VIL
Regulator shutdown
0.4
V
SHDN
Input Bias Current
I SHDN
V SHDN = VIN
TA = +25°C
0.003
0.1
µA
Shutdown Supply Current
IQSHDN
VOUT = 0V
TA = +25°C
0.2
1
µA
SET INPUT
TA = +25°C
1.225 1.25 1.275
SET Reference Voltage (Note 3)
VSET
VIN = 2.5V to 5.5V,
IOUT = 1mA
TA = TMIN to TMAX
1.25
V
SET Input Leakage Current (Note 3)
ISET
VSET = 1.3V
TA = +25°C
5
30
nA
THERMAL PROTECTION
Thermal Shutdown Temperature
TSHDN
150
°C
Thermal Shutdown Hysteresis
∆TSHDN
15
°C
Note 1: Limits is 100% production tested at TA= +25°C. Low duty pulse techniques are used during test to
maintain junction temperature as close to ambient as possible.
Note 2: Guaranteed by line regulation test.
Note 3: Adjustable mode only.
Note 4: Not tested. For design purposes, the current limit should be considered 150mA minimum to 420mA maximum.
Note 5: The dropout voltage is defined as (VIN-VOUT) when VOUT is 100mV below the value of VOUT for VIN = VOUT +2V,
The performance of every G913 part, see “Typical Performance Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com