Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M52779SP Datasheet(PDF) 32 Page - Mitsubishi Electric Semiconductor

Part # M52779SP
Description  VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52779SP Datasheet(HTML) 32 Page - Mitsubishi Electric Semiconductor

Back Button M52779SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M52779SP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
MITSUBISHI ICs (TV)
M52779SP
VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
32
DESCRIPTION OF PIN (cont.)
Pin No.
Name
DC voltage and
wave information
Peripheral circuit of pins
Description of function
13
H OUT
〈Horizontal pre-drive
output pin
〉
this pin is open emitter
type.
(output resistor is 200
Ω)
maximum drive current is
4mA typ.
14
SDA
−
〈SDA pin of I2C BUS〉
15
H OSC
DC2.45V
〈horizontal oscillator pin〉
connect with ceramic
resonator for 32fH VCO.
recommended resonator
is " MURATA
CSB503F18.
16
AFC 1
FILTER
〈AFC-1 filter pin of 32fH
VCO
〉
µ is 1.2kHz / V typ.
charge and discharge
current is;
AFC gain H: 900
µA
AFC gain L : 500
µA
≈8µs
25
µs
4.0V
pin 12
13
8V
1k
1k
200
200
14
6k
45.6k
8V
0.3VP-P
15
375
300
675
10k
1.3mA
DC5.3V
0.3VP-P
during sync.
16
8V
6.8k
12k
1
µF
0.015
µF
24k
20k
3k
bias
8V
AFC gain H: 900
µA
AFC gain L: 500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com