Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KBJ15005 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KBJ15005
Description  Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBJ15005 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBJ15005 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBJ15005 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KBJ15005 ~ KBJ1510
Voltage 50V ~ 1000V
15Amp Glass Passivated Bridge Rectifiers
19-Jan-2017 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Glass Passivated Chip
High Surge Forward Current Capability
APPLICATIONS
General Purpose 1 Phase Bridge
Rectifier Applications
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Part Number
Parameter
Symbol
KBJ
15005
KBJ
1501
KBJ
1502
KBJ
1504
KBJ
1506
KBJ
1508
KBJ
1510
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
With heatsink,
TC=140°C
15
Average Rectified Output
Current@60Hz sine
wave, R-load
Without heatsink,
TA=25°C
IO
3.6
A
Surge (Non-repetitive) Forward Current
@60Hz sine wave, 1 cycle, TJ=25°C
IFSM
220
A
Current Squared Time@1ms≦t<8.3ms,
TJ=25°C, Rating of per diode
I
2t
201
A
2S
Dielectric Strength
@Terminals to case, AC 1 minute
VDIS
2.5
KV
Mounting Torque
@Recommend torque: 5kg‧cm
Tor
8
Kg‧cm
Peak Forward Voltage @IFM=10A, Pulse
measurement, Rating of per diode
VFM
1
V
Peak Reverse Current @VRM=VRRM, Pulse
measurement, Rating of per diode
IRRM
5
µA
Without heatsink
RθJA
25
Thermal Resistance
With heatsink
RθJC
1.8
°C/W
Junction and Storage temperature range
TJ,TSTG
-55~150
°C
4KBJ
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
24.7
25.3
J
0.6
0.8
B
14.7
15.3
K
7.3
7.7
C
4.4
4.8
L
1.7
2.1
D
17.0
18.0
M
2.0 TYP.
E
3.0 x 45°
N
1.05
1.45
F
3.1
3.4
P
3.3
3.8
G
4.0
Q
9.5
10.1
H
3.2
3.4
R
3.1
3.4
I
0.9
1.1
S
3.4
3.8


Similar Part No. - KBJ15005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ15005 RFE-KBJ15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Microdiode Semiconducto...
KBJ15005 CHENDA-KBJ15005 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ15005 YFWDIODE-KBJ15005 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ15005 ZSELEC-KBJ15005 Datasheet
81Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ15005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBU8A SECOS-KBU8A Datasheet
97Kb / 2P
VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
KBL005G SECOS-KBL005G Datasheet
145Kb / 2P
Voltage 50V ~ 1000V, 4.0Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
D4UB05 SECOS-D4UB05 Datasheet
188Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
D8UB05 SECOS-D8UB05 Datasheet
189Kb / 2P
Voltage 50V ~ 1000V 8.0Amp Glass Passivated Bridge Rectifiers
GBJ6005 SECOS-GBJ6005 Datasheet
201Kb / 2P
Voltage 50V ~ 1000V 6Amp Glass Passivated Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
KBJ4005 SECOS-KBJ4005 Datasheet
201Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivated Bridge Rectifiers
GBJ15005 SECOS-GBJ15005_15 Datasheet
204Kb / 2P
15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com