Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB10M Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MB10M
Description  1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB10M Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MB10M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB10M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
MB10M
1000V 1.0 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
29-May-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS compliant product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Halogen-free type
Glass passivated chip junctions
Compliance to RoHS product
Leadless chip form, no lead damage
Low power loss, High efficiency
High current capability
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
APPLICATION
AC/DC Power Supply
Communication Equipment
Lighting
MECHANICAL DATA
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
MBCN
5K
13 inch
ABSOLUTE MAXIMUM RATINGS ( T
A=25℃unless otherwise specified)
Parameters
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
1000
V
Average Forward Current
IF(AV)
1
A
Peak forward surge current, 8.3ms single half sine-wave
IFSM
30
A
Operating and Storage temperature range
TJ, TSTG
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (at TA=25℃unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 0.4A
VF
-
0.9
1
V
TA=25°C
-
0.08
5
Repetitive peak reverse
current@ VR = Max. VRRM
TA=125°C
IRRM
-
-
100
uA
Current squared time t < 8.3ms
I
2t
-
3.74
-
A
2s
Thermal Resistance Junction to Ambient
1
RθJA
-
130
-
Thermal Resistance Junction to Case
1
RθJC
-
40
-
℃/W
Note:
1.
On glass epoxy P.C.B. mounted on 0.05" x 0.05" (1.3 x 1.3 mm) solder pads.
2.
Preliminary specification.
MBCN
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.40
3.60
D
2.00
2.35
B
3.70
3.90
E
0.60
0.80
C
2.44
2.64
F
0.95
1.35
M


Similar Part No. - MB10M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10M MCC-MB10M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB10M TAITRON-MB10M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
GOOD-ARK Electronics
MB10M GOOD-ARK-MB10M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Shanghai Lunsure Electr...
MB10M CHENYI-MB10M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
Shenzhen Ping Sheng Ele...
MB10M PFS-MB10M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - MB10M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N4001G SECOS-1N4001G Datasheet
144Kb / 2P
VOLTAGE 50V ~ 1000V 1.0 AMP Glass Passivated Silicon Rectifiers
MB205L SECOS-MB205L Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
MB08M SECOS-MB08M_15 Datasheet
188Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
Miniature SMD Glass Passivated Bridge Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
MB08M SECOS-MB08M Datasheet
188Kb / 2P
1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com