Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC2878A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2878A
Description  0.3A, 50V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2878A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2878A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2878A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC2878A
0.3A, 50V
NPN Plastic Encapsulated Transistor
28-Mar-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low On Resistance
High Emitter-Base Voltage
High Reverse hFE>30(typ.) VCE= -2V, IC= -4mA.
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
20
V
Emitter to Base Voltage
VEBO
15
V
Continuous Collector Current
IC
300
mA
Collector Power Dissipation
PC
400
mW
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
20
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
15
-
-
V
IE=0.1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
0.1
µ
A
VCB=50V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.1
µ
A
VEB=15V, IC=0
DC Current Gain
hFE(1)
200
-
700
VCE=2V, IC=4mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=30mA, IB=3mA
Base to Emitter Voltage
VBE
-
-
0.71
V
VCE=2V, IC=4mA
Collector Output Capacitance
Cob
-
7
-
pF
VCB=10V, IE=0, f=1MHz
Transition Frequency
fT
-
30
-
MHz
VCE=6V, IC=4mA
Turn-On Time
ton
-
160
-
ns
Storage Time
ts
-
500
-
ns
Fall Time
tf
-
130
-
ns
VCC=12V, IC=12mA, IB=1.2mA
TO-92
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
14.5
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
1
1
1
1 Emitter
2
2
2
2 Collector
3
3
3
3 Base


Similar Part No. - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878A TOSHIBA-2SC2878A Datasheet
245Kb / 4P
For Muting and Switching Applications
logo
Jiangsu Changjiang Elec...
2SC2878A JIANGSU-2SC2878A Datasheet
978Kb / 4P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2878A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SD2118 SECOS-2SD2118_11 Datasheet
76Kb / 1P
5A , 50V NPN Plastic Encapsulated Transistor
BAS16V SECOS-BAS16V Datasheet
320Kb / 2P
0.3A , 100V Plastic-Encapsulated Transistors
KTA1504 SECOS-KTA1504 Datasheet
58Kb / 1P
-0.15A , -50V PNP Plastic Encapsulated Transistor
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com