Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC6517 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC6517
Description  0.5A , 350V NPN Plastic Encapsulated Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC6517 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC6517 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC6517 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC6517 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2SC6517 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
2SC6517
0.5A , 350V
NPN Plastic Encapsulated Transistor
30-Oct-2015 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Voltage Application
Telephone Application
MARKING
1Z
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
350
V
Collector-Emitter Voltage
VCEO
350
V
Emitter-Base Voltage
VEBO
5
V
Collector Current-Continuous
IC
500
mA
Base Current
IB
250
mA
TA=25°C
225
mW
Total Device Dissipation
1
Derate above 25°C
PD
1.8
mW /°C
Thermal Resistance from Junction to Ambient
1
RθJA
556
°C/ W
TA=25°C
300
mW
Total Device Dissipation
2
Derate above 25°C
PD
2.4
mW /°C
Thermal Resistance from Junction to Ambient
2
RθJA
417
°C/ W
Junction and Storage Temperature
TJ, TSTG
-55~150
°C
Notes:
1.
FR-5 board : 1 × 0.75 × 0.062 inch.
2.
Alumina substrate : 0.4 × 0.3 × 0.024 inch, 99.5% alumina.
Package
MPQ
Leader Size
SOT-23
3K
7 inch
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.09
0.18
B
2.10
2.65
H
0.35
0.65
C
1.20
1.40
J
0.08
0.20
D
0.89
1.17
K
0.6 REF.
E
1.78
2.04
L
0.95 BSC.
F
0.30
0.50


Similar Part No. - 2SC6517

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
High Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6010 TOSHIBA-2SC6010 Datasheet
182Kb / 5P
Silicon NPN Triple Diffused Type
2SC6010 TOSHIBA-2SC6010 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Allegro MicroSystems
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
Audio Amplification Transistor
More results

Similar Description - 2SC6517

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
KTC3876 SECOS-KTC3876 Datasheet
183Kb / 2P
0.5A , 35V NPN Plastic Encapsulated Transistor
MMBTA43 SECOS-MMBTA43 Datasheet
59Kb / 1P
0.5A , 200V NPN Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
S9013W SECOS-S9013W Datasheet
59Kb / 1P
0.5A , 40V NPN Plastic Encapsulated Transistor
KTA1505 SECOS-KTA1505 Datasheet
125Kb / 2P
-0.5A , -35V PNP Plastic Encapsulated Transistor
MMBT2222AM SECOS-MMBT2222AM Datasheet
290Kb / 2P
0.5A, 75V NPN Plastic Encapsulated Transistor
MPSA55 SECOS-MPSA55 Datasheet
77Kb / 1P
-0.5A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com