Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT9818D-12PQW Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9818D-12PQW
Description  Micro-Power Voltage Detectors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818D-12PQW Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9818D-12PQW Datasheet HTML 1Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 2Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 3Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 4Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 5Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 6Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 7Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 8Page - Richtek Technology Corporation RT9818D-12PQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9818
2
DS9818-11 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Name
Pin Function
GND
Ground.
RESET
Active low open-drain reset output.
RESET
Active high open-drain reset output.
VDD
Power pin.
Pin Configuration
(TOP VIEW)
SC-70-3
GND
VDD
2
3
RESET/
RESET
SOT-89
SOT-23-5
VDD GND
NC
NC
4
23
5
RESET/
RESET
SOT-23-3 (L-Type)
GND
VDD
2
3
RESET/
RESET
SOT-23-3
GND
VDD
2
3
RESET/
RESET
SC-82 (R-Type)
NC
VDD
GND
3
2
4
RESET/
RESET
SC-82
GND
NC
VDD
3
2
4
RESET/
RESET
23
1
GND
VDD
RESET/
RESET
Functional Block Diagram
Timing Diagram
Timer
VSET
Threshold
Voltage Setting
POR
Power On Reset
CMP
N MOS
GND
RESET/
RESET
VDD
VTH
VDD
Delay Time (0, 55, 220, 450ms)
Delay Time (0, 55, 220, 450ms)
VRESET
0V
0V
0V
VRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com