Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KSC2328AL Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KSC2328AL
Description  2A , 30V NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KSC2328AL Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KSC2328AL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KSC2328AL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KSC2328AL
2A , 30V
NPN Plastic Encapsulated Transistor
24-Jun-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
F
D
B
G
H
J
K
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Low collector to emitter saturation voltage VCE(sat).
Audio power amplifier
High Current
CLASSIFICATION OF hFE
Product-Rank
KSC2328AL-O
KSC2328AL -Y
Range
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5
V
Continuous Collector Current
IC
2
A
Collector Power Dissipation
PC
0.75
W
Thermal Resistance
RθJA
167
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=1mA, IC=0
Collector Cut - Off Current
ICBO
-
-
0.1
µA
VCB=30V, IE=0
Emitter cut-off current
IEBO
-
-
0.1
µA
VEB=5V, IC=0
DC Current Gain
hFE
100
-
320
VCE=2V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
2
V
IC=1.5A, IB=30mA
Base – Emitter Voltage
VBE
-
-
1
V
VCE=2V, IC=500mA
Collector Output Capacitance
Cob
-
30
-
pF
VCB=10V, IE=0, f=1MHz
Transition Frequency
fT
-
120
-
MHz
VCE=2V, IC=500mA
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
Millimeter
REF.
Min.
Max.
A
4.70
5.10
B
7.80
8.20
C
13.80
14.20
D
3.70
4.10
E
0.35
0.55
F
0.35
0.45
G
1.27 TYP.
H
1.28
1.58
J
2.44
2.64
K
0.60
0.80
TO-92L


Similar Part No. - KSC2328AL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KSC2328AL SECOS-KSC2328AL_15 Datasheet
404Kb / 2P
NPN Plastic Encapsulated Transistor
More results

Similar Description - KSC2328AL

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC5345 SECOS-2SC5345 Datasheet
704Kb / 2P
0.02A , 30V NPN Plastic Encapsulated Transistor
2SD596 SECOS-2SD596 Datasheet
327Kb / 3P
0.7A , 30V NPN Plastic Encapsulated Transistor
KSA928ATL SECOS-KSA928ATL Datasheet
242Kb / 2P
-2A , -30V PNP Plastic Encapsulated Transistor
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
MPS750 SECOS-MPS750 Datasheet
67Kb / 1P
-2A , -60V PNP Plastic Encapsulated Transistor
MPS751 SECOS-MPS751 Datasheet
294Kb / 2P
-2A , -80V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com