Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPS751 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # MPS751
Description  -2A , -80V PNP Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MPS751 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MPS751 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MPS751 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPS751
-2A , -80V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
14-Jun-2016 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2
Base
1
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Switching and amplifier applications
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise noted)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-2
A
Collector Dissipation
PC
625
mW
Thermal Resistance from Junction to Ambient
R
θJA
200
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
-80
-
-
V
IC= -100
µA, IE=0
Collector to Emitter Breakdown Voltage
1
V(BR)CEO
-60
-
-
V
IC= -10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10
µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA VCB= -80V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA VEB= -4V, IC=0
DC Current Gain
1
hFE
75
-
-
VCE= -2V, IC= -50mA
75
-
-
VCE= -2V, IC= -500mA
75
-
-
VCE= -2V, IC= -1A
40
-
-
VCE= -2V, IC= -2A
Collector to Emitter Saturation Voltage
1
VCE(sat)
-
-
-0.5
V
IC= -2A, IB= -200mA
-
-
-0.3
IC= -1A, IB= -100mA
Base to Emitter Saturation Voltage
1
VBE (sat)
-
-
-1.2
V
IC= -1A, IB= -100mA
Base to Emitter Voltage
1
VBE(on)
-
-
-1
V
IC= -1A, VCE= -2V
Transition Frequency
fT
-
75
-
MHz
VCE= -5V, IC= -50mA, f=100MHz
Notes:
1.
Pulse test: pulse width≦300
µs, duty cycle=2.0%.
TO-92
1Emitter
2Base
3Collect
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
14.5
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56


Similar Part No. - MPS751

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MPS751 FAIRCHILD-MPS751 Datasheet
26Kb / 3P
Silicon PNP Transistor
logo
ON Semiconductor
MPS751 ONSEMI-MPS751 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
logo
KEC(Korea Electronics)
MPS751 KEC-MPS751 Datasheet
370Kb / 3P
EPITAXIAL PLANAR PNP TRANSISTOR
logo
ON Semiconductor
MPS751 ONSEMI-MPS751 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Continental Device Indi...
MPS751 CDIL-MPS751 Datasheet
197Kb / 3P
NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
More results

Similar Description - MPS751

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SD1767 SECOS-2SD1767 Datasheet
77Kb / 1P
0.7A , 80V NPN Plastic Encapsulated Transistor
KSA928ATL SECOS-KSA928ATL Datasheet
242Kb / 2P
-2A , -30V PNP Plastic Encapsulated Transistor
MMBTA56 SECOS-MMBTA56 Datasheet
73Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
MPSA56 SECOS-MPSA56 Datasheet
67Kb / 1P
-0.5A , -80V PNP Plastic Encapsulated Transistor
2SD2061 SECOS-2SD2061 Datasheet
359Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
2SD2396 SECOS-2SD2396 Datasheet
385Kb / 2P
3A, 80V P Plastic-Encapsulated Transistor
MPS750 SECOS-MPS750 Datasheet
67Kb / 1P
-2A , -60V PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com