Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSL0901UT Datasheet(PDF) 3 Page - Rohm

Part # CSL0901UT
Description  Lens Type LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901UT Datasheet(HTML) 3 Page - Rohm

  CSL0901UT Datasheet HTML 1Page - Rohm CSL0901UT Datasheet HTML 2Page - Rohm CSL0901UT Datasheet HTML 3Page - Rohm CSL0901UT Datasheet HTML 4Page - Rohm CSL0901UT Datasheet HTML 5Page - Rohm CSL0901UT Datasheet HTML 6Page - Rohm CSL0901UT Datasheet HTML 7Page - Rohm CSL0901UT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
CSL0901 Series
l
Viewing Angle
l
Part No. Construction
l
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card
inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X - Y
Scanning
Direction
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
30°
60°
90°
30°
60°
90°
X’ - Y’
Scanning
Direction
SCANNING ANGLE (deg)
RELATIVE INTENSITY
SCANNING ANGLE (deg)
RELATIVE INTENSITY
reference
3/6
2016.03 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com