Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IC-MA Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MA
Description  8-BIT ANGULAR HALL SENSOR / ENCODER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MA Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MA Datasheet HTML 1Page - IC-Haus GmbH IC-MA Datasheet HTML 2Page - IC-Haus GmbH IC-MA Datasheet HTML 3Page - IC-Haus GmbH IC-MA Datasheet HTML 4Page - IC-Haus GmbH IC-MA Datasheet HTML 5Page - IC-Haus GmbH IC-MA Datasheet HTML 6Page - IC-Haus GmbH IC-MA Datasheet HTML 7Page - IC-Haus GmbH IC-MA Datasheet HTML 8Page - IC-Haus GmbH IC-MA Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
iC-MA
8-BIT ANGULAR HALL SENSOR / ENCODER
Rev C1, Page 3/19
PACKAGING INFORMATION
PIN CONFIGURATION
DFN10 4 mm x 4 mm
(according to the JEDEC standard)
6
7
8
9
10
2
5
4
3
1
PIN FUNCTIONS
No. Name Function
1 NEN
Enable Input, low active
2 GND
Ground
3 CFG2 Configuration Input 2
4 B
Bidirectional Input/Output B
5 A
Bidirectional Input/Output A
6 D
Bidirectional Input/Output D
7 C
Bidirectional Input/Output C
8 CFG3 Configuration Input 3
9 VDD
+5 V Supply Voltage
10 CFG1 Configuration Input 1
BP
Backside paddle 1)
IC top marking: <P-CODE> = product code, <A-CODE> = assembly code (subject to changes), <D-CODE> = date code (subject to changes);
1) Connecting the backside paddle is recommended by a single link to GND. A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com