Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STESD03C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STESD03C
Description  Low Capacitance ESD Protection (Bi-directional)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STESD03C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STESD03C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STESD03C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STESD03C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
STESD03C
70W, 3.3V
Low Capacitance ESD Protection (Bi-directional)
07-Feb-2017 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The STESD03C is designed to protect voltage sensitive
electronic components from ESD and other transients.
Excellent clamping capability, low leakage, low capacitance
and fast response time provide best in class protection on designs
that are exposed to ESD.
The combination of small size, low capacitance, and high level
of ESD protection makes them a flexible solution for applications
such as HDMI, Display Port TM, and MDDI interfaces.
It is designed to replace multiplayer varistors (MLV) in consumer equipments
applications such as mobile phone, notebook, PAD, STB, LCD TV etc.
FEATURES
Bi-Directional ESD Protection of One Lines
Low Capacitance: 15pF(Max)
Reverse Stand−off Voltage: 3.3V
Low Reverse Clamping Voltage
Low Leakage Current
Fast Response Time
JESD22-A114-B ESD Rating of Class 3B per Human Body Model
IEC 61000-4-2 Level 4 ESD Protection
APPLICATIONS
Computers and Peripherals
High Speed Data Lines
Audio and Video Equipment
Cellular Handsets and Accessories
Subscriber Identity Module(SIM) Card Protection
Portable Electronics
FireWire
Other Electronics Equipments Communication Systems
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Limit
Unit
Air Model
±25
IEC 61000-4-2 ESD Voltage
Contact Model
±25
JESD22-A114-B ESD Voltage
Per Human Body Model
±16
ESD Voltage
Machine Model
VESD
1
±0.4
KV
Peak Pulse Power
2
PPP
70
W
Peak Pulse Current
2
IPP
7
A
Lead Solder Temperature − Maximum(10Sec. Duration)
TL
260
°C
Operating and Storage Temperature Range
TJ ,TSTG
150, -55 ~ 150
°C
X
Bi-direction
1
1
1
1
2
2
2
2
A
C
B
F
M
M
G
J
H
K
E
D
L
WBFBP-02C
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.950
1.050
G
0.275
0.35
B
0.550
0.650
H
0.25
0.35
C
0.440
0.550
J
0.275
0.47
D
0.450 REF.
K
0.555
0.725
E
0.400 REF.
L
0.010
0.100
F
0.27
0.37
M
0.010 REF.


Similar Part No. - STESD03C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results

Similar Description - STESD03C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
FutureWafer Tech Co.,Lt...
FE0502A-0.4PF FUTUREWAFER-FE0502A-0.4PF Datasheet
926Kb / 5P
Bi-directional, Extra Low Capacitance ESD Protection
FESD05BLC-0.4PF FUTUREWAFER-FESD05BLC-0.4PF Datasheet
920Kb / 4P
Bi-directional, Extra Low Capacitance ESD Protection
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
Bi-directional, Extra Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com