Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CST3040CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CST3040CT
Description  30A Trench Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CST3040CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CST3040CT Datasheet HTML 1Page - Chip Integration Technology Corporation CST3040CT Datasheet HTML 2Page - Chip Integration Technology Corporation CST3040CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
Excellent high temperature stability.
Fast switching capability.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
30A Trench Low Barrier Diode
Forward voltage drop (per diode)
Reverse current (per diode)
Parameter
Note : 1.Thermal resistance from junction to case per leg, with heatsink size(1.35" x 0.95" x 0.18") Al-plate.
CST3040CT
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current (total device)
Forward surge current (per diode)
Thermal resistance(1) (per diode)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CST3040CT
UNIT
-65 ~ +150
20
200
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak repetitive reverse surge current
A
2us - 1kHz
2
Marking code
CST3040CT
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
40
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 10A, T = 25 C
F
J
O
I = 10A, T = 125 C
F
J
480
500
550
(per diode)
Document ID : DS-11K7P
Revised Date : 2015/05/26
Revision : C4
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220AB molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
PIN 1
PIN 3
PIN 2
TO-220AB
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.398(10.1)
0.406(10.3)
0.236(6.0)
0.252(6.4)
0.579(14.7)
0.594(15.1)
0.543(13.8)
0.551(14.0)
0.143(3.63)
0.159(4.03)
0.104(2.64)
0.112(2.84)
0.335(8.5)
0.350(8.9)
0.046(1.17)
0.054(1.37)
0.028(0.71)
0.036(0.91)
0.098(2.49)
0.102(2.59)
0.176(4.47)
0.184(4.67)
0.046(1.17)
0.054(1.37)
0.102(2.6)
0.110(2.8)
0.019(0.28)
0.021(0.48)
0.147(3.74)
0.155(3.94)
symbol
Dimensions in inches(millimeters)
A
B
C
D
E
F
G
H
I
J
K
L
M
N
ØP
Min
Max
0.394(10.0)
0.413(10.5)
0.228(5.8)
0.268(6.8)
0.570(14.48)
0.625(15.87)
0.519(13.18)
0.558(14.18)
0.089(3.5)
0.099(3.9)
0.100(2.54)
0.120(3.04)
0.330(8.38)
0.350(8.9)
0.045(1.15)
0.060(1.52)
0.029(0.75)
0.037(0.95)
0.095(2.42)
0.105(2.66)
0.160(4.07)
0.190(4.82)
0.045(1.15)
0.055(1.39)
0.080(2.04)
0.110(2.8)
0.013(0.33)
0.019(0.52)
0.148(3.75)
0.156(3.95)
Alternate
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
Marking code
A
ØP
B
1
2
3
J
L
C
D
E
F
G
H
I
K
M
N
C


Similar Part No. - CST3040CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CST306-1A ETC2-CST306-1A Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1A TRIAD-CST306-1A Datasheet
85Kb / 1P
Current Sense Transformers
logo
List of Unclassifed Man...
CST306-1T ETC2-CST306-1T Datasheet
472Kb / 2P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-1T TRIAD-CST306-1T Datasheet
87Kb / 1P
Current Sense Transformers
logo
List of Unclassifed Man...
CST306-2A ETC2-CST306-2A Datasheet
472Kb / 2P
Current Sense Transformers
More results

Similar Description - CST3040CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS30L60CTG-A CITC-CS30L60CTG-A Datasheet
460Kb / 3P
30A Low Barrier Diode
CSF30L50CT-A CITC-CSF30L50CT-A Datasheet
467Kb / 3P
30A Low Barrier Diode
CST10S40CT CITC-CST10S40CT Datasheet
466Kb / 3P
10A Trench Low Barrier Diode
CST20L40CT CITC-CST20L40CT Datasheet
465Kb / 3P
20A Trench Low Barrier Diode
CST30L40CT CITC-CST30L40CT Datasheet
465Kb / 3P
30A Trench Low Barrier Diode
CSTF10S40CT CITC-CSTF10S40CT Datasheet
467Kb / 3P
10A Trench Low Barrier Diode
CSTF20L40CT CITC-CSTF20L40CT Datasheet
467Kb / 3P
20A Trench Low Barrier Diode
CSTF30L40CT CITC-CSTF30L40CT Datasheet
479Kb / 3P
30A Trench Low Barrier Diode
CSTF3040CT CITC-CSTF3040CT Datasheet
479Kb / 3P
30A Trench Low Barrier Diode
logo
Diodes Incorporated
SBRT30U45CT DIODES-SBRT30U45CT Datasheet
265Kb / 5P
30A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com