Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD54HC670 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD54HC670
Description  High-Speed CMOS Logic 4x4 Register File
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC670 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC670 Datasheet HTML 1Page - Texas Instruments CD54HC670 Datasheet HTML 2Page - Texas Instruments CD54HC670 Datasheet HTML 3Page - Texas Instruments CD54HC670 Datasheet HTML 4Page - Texas Instruments CD54HC670 Datasheet HTML 5Page - Texas Instruments CD54HC670 Datasheet HTML 6Page - Texas Instruments CD54HC670 Datasheet HTML 7Page - Texas Instruments CD54HC670 Datasheet HTML 8Page - Texas Instruments CD54HC670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS195C
Features
• Simultaneous and Independent Read and Write
Operations
• Expandable to 512 Words of n-Bits
• Three-State Outputs
• Organized as 4 Words x 4 Bits Wide
• Buffered Inputs
• Typical Read Time = 16ns for ’HC670 VCC = 5V, CL =
15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC670 and CD74HCT670 are 16-bit register files
organized as 4 words x 4 bits each. Read and write address
and enable inputs allow simultaneous writing into one location
while reading another. Four data inputs are provided to store
the 4-bit word. The write address inputs (WA0 and WA1)
determine the location of the stored word in the register.
When write enable (WE) is low the word is entered into the
address location and it remains transparent to the data. The
outputs will reflect the true form of the input data. When (WE)
is high data and address inputs are inhibited. Data acquisition
from the four registers is made possible by the read address
inputs (RA1 and RA0). The addressed word appears at the
output when the read enable (RE) is low. The output is in the
high impedance state when the (RE) is high. Outputs can be
tied together to increase the word capacity to 512 x 4 bits.
Pinout
CD54HC670
(CERDIP)
CD74HC670, CD74HCT670
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC670F3A
-55 to 125
16 Ld CERDIP
CD74HC670E
-55 to 125
16 Ld PDIP
CD74HC670M
-55 to 125
16 Ld SOIC
CD74HC670MT
-55 to 125
16 Ld SOIC
CD74HC670M96
-55 to 125
16 Ld SOIC
CD74HCT670E
-55 to 125
16 Ld PDIP
CD74HCT670M
-55 to 125
16 Ld SOIC
CD74HCT670MT
-55 to 125
16 Ld SOIC
CD74HCT670M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D1
D2
D3
RA1
RA0
Q3
GND
Q2
VCC
WA0
WA1
WE
RE
Q0
Q1
D0
January 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC670, CD74HC670,
CD74HCT670
High-Speed CMOS Logic
4x4 Register File
[ /Title
(CD74H
C670,
CD74H
CT670)
/Subject
(High-
Speed
CMOS
Logic
4x4 Reg-
ister


Similar Part No. - CD54HC670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC670 TI-CD54HC670 Datasheet
351Kb / 17P
High-Speed CMOS Logic 4x4 Register File
logo
TEXAS ADVANCED OPTOELEC...
CD54HC670 TAOS-CD54HC670 Datasheet
568Kb / 17P
High-Speed CMOS Logic 4x4 Register File
logo
Texas Instruments
CD54HC670 TI2-CD54HC670 Datasheet
305Kb / 16P
High-Speed CMOS Logic 4x4 Register File
Revised October 2003
CD54HC670F3A TI-CD54HC670F3A Datasheet
351Kb / 17P
High-Speed CMOS Logic 4x4 Register File
logo
TEXAS ADVANCED OPTOELEC...
CD54HC670F3A TAOS-CD54HC670F3A Datasheet
568Kb / 17P
High-Speed CMOS Logic 4x4 Register File
More results

Similar Description - CD54HC670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC670 TI-CD74HC670 Datasheet
49Kb / 9P
High-Speed CMOS Logic 4x4 Register File
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
National Semiconductor ...
54LS170 NSC-54LS170 Datasheet
103Kb / 4P
4x4 REGISTER FILE WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC670 TI-CD54HC670_07 Datasheet
351Kb / 17P
High-Speed CMOS Logic 4x4 Register File
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
TEXAS ADVANCED OPTOELEC...
CD54HC670 TAOS-CD54HC670_08 Datasheet
568Kb / 17P
High-Speed CMOS Logic 4x4 Register File
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
4x4 Multiport Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com