Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EC3293 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3293
Description  3A, 18V, Synchronous Step-down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC3293 Datasheet HTML 3Page - E-CMOS Corporation EC3293 Datasheet HTML 4Page - E-CMOS Corporation EC3293 Datasheet HTML 5Page - E-CMOS Corporation EC3293 Datasheet HTML 6Page - E-CMOS Corporation EC3293 Datasheet HTML 7Page - E-CMOS Corporation EC3293 Datasheet HTML 8Page - E-CMOS Corporation EC3293 Datasheet HTML 9Page - E-CMOS Corporation EC3293 Datasheet HTML 10Page - E-CMOS Corporation EC3293 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 11
3L03N-Rev.P001
can be optimized for a wide range of capacitance and
ESR values.
Compensation Components
EC3293 employs current mode control for easy
compensation and fast transient response. The system
stability and transient response are controlled through
the COMP pin. COMP pin is the output of the internal
transconductance error amplifier. A series capacitor and
resistor combination sets a pole-zero combination to
control the characteristics of the control system.
The DC gain of the voltage feedback loop is given by:
AVDC = RLOAD × GCS × AEA × VFB/VOUT
Where AEA is the error amplifier voltage gain; GCS is the
current sense transconductance and RLOAD is the load
resistor value.
The system has two poles of importance. One is due to
the compensation capacitor (C3) and the output resistor
of the error amplifier, and the other is due to the output
capacitor and the load resistor. These poles are located
at:
fP1 = GEA / (2π × C3 × AEA)
fP2 = 1 / (2π × C2 × RLOAD)
Where GEA is the error amplifier transconductance.
The system has one zero of importance, due to the
compensation capacitor (C3) and the compensation
resistor (R3). This zero is located at:
fZ1 = 1 / (2π × C3 × R3)
The system may have another zero of importance, if the
output capacitor has a large capacitance and/or a high
ESR value. The zero, due to the ESR and capacitance of
the output capacitor, is located at:
fESR = 1 / (2π × C2 × RESR)
In this case, a third pole set by the compensation
capacitor (C6) and the compensation resistor (R3) is
used to compensate the effect of the ESR zero on
the loop gain. This pole is located at:
fP3 = 1 / (2π × C6 × R3)
The goal of compensation design is to shape
the converter transfer function to get a desired loop
gain.
The system crossover frequency where the feedback
loop has the unity gain is important. Lower crossover
frequencies result in slower line and load transient
responses, while higher crossover frequencies could
cause system instability. A good rule of thumb is to set
the
crossover
frequency
below
one-tenth of
the switching frequency.
To
optimize
the
compensation
components,
the
following procedure can be used.
1. Choose the compensation resistor (R3) to set the
desired crossover frequency.
Determine the R3 value by the following equation:
R3 = [ (2π × C2 × f
C) / (GEA × GCS) ] × (VOUT/VFB)
< [ (2π × C2 × 0.1 × f
S) / (GEA × GCS) ] × (VOUT/VFB)
Where fC is the desired crossover frequency which is
typically below one tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve
the desired phase margin. For applications with typical
inductor values, setting the compensation zero, fZ1,
below one-forth of the crossover frequency provides
sufficient phase margin.
Determine the C3 value by the following equation:
C3 > 4 / (2π × R3 × f
C)
Where R3 is the compensation resistor.
3. Determine if the second compensation capacitor (C6)
is required. It is required if the ESR zero of the output
capacitor is located at less than half of the switching
frequency, or the following relationship is valid:
1 / (2π × C2 × R
ESR) < fS/2
If this is the case, then add the second compensation
capacitor (C6) to set the pole fP3 at the location of the
ESR zero. Determine the C6 value by the equation:
C6 = (C2 × RESR) / R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com