Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EC3689 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3689
Description  800KHz Synchronous Step-up Converter with 5.5A Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3689 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3689 Datasheet HTML 1Page - E-CMOS Corporation EC3689 Datasheet HTML 2Page - E-CMOS Corporation EC3689 Datasheet HTML 3Page - E-CMOS Corporation EC3689 Datasheet HTML 4Page - E-CMOS Corporation EC3689 Datasheet HTML 5Page - E-CMOS Corporation EC3689 Datasheet HTML 6Page - E-CMOS Corporation EC3689 Datasheet HTML 7Page - E-CMOS Corporation EC3689 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 8
4E02N-Rev.P001
800KHz Synchronous Step-up
Converter with 5.5A Switches
EC3689
Electrical Characteristics
TA = +25°C, 2.9V ≤ VIN ≤ 5.5V, unless otherwise noted. Typical values are at VIN= VEN =3.6V and VOUT=5V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range VIN
2.5
5.5
V
Input Under-voltage Lockout
Threshold VUVLO
2.2
V
Output voltage adjustable
range VOUT
2.5
5.5
V
Fixed Output Voltage
FB=GND
4.95
5.05
5.15
V
Feedback voltage VFB
490
500
510
mV
Oscillator frequency fOSC
640
800
960
KHz
NCH Switch Current Limit
VOUT= 5V
5.5
A
NCH Switch on resistance
VOUT= 5V
75
m
PCH Switch on resistance
VOUT= 5V
75
m
Shutdown Current
VEN = 0V, VIN = 3.6V
0.1
1
µA
Quiescent Current(VIN)
VFB=0.55V, VOUT=5V
125
200
uA
EN Logic Low Voltage
0.4
V
EN Logic High Voltage
1.4
V
EN Leakage Current
Clamped on GND or VIN
-1
1
uA
Thermal Shutdown
150
Thermal Shutdown Hysteresis
20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com