Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCP020C Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCP020C
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP020C Datasheet(HTML) 2 Page - BeRex Corporation

  BCP020C Datasheet HTML 1Page - BeRex Corporation BCP020C Datasheet HTML 2Page - BeRex Corporation BCP020C Datasheet HTML 3Page - BeRex Corporation BCP020C Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #6101 Santa Clara 95054 tel. (408) 452-5595
February 2017
Specifications are subject to change without notice. ©BeRex 2017
Rev. 1.1
BCP020C
MAXIMUM RATING (Ta = 25° C)
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Id
Igf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12V
-6V
Idss
11 mA
17 dBm
175°C
-60°C – 150°C
1.0 W
8 V
-3 V
Idss
2 mA
@ 3dB compression
150°C
-60°C – 150°C
0.8 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device.
PIN_POUT/Gain, PAE (12 GHz)
Frequency = 12 GHz
Vds = 8V, Ids = 30mA (Tuned for Power)
PIN_POUT/Gain, PAE (18 GHz)
Frequency = 18 GHz
Vds = 8V, Ids = 30mA (Tuned for Power)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com