Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M54HCU04K Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HCU04K
Description  RAD HARD HEX INVERTER (SINGLE STATE)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCU04K Datasheet(HTML) 3 Page - STMicroelectronics

  M54HCU04K Datasheet HTML 1Page - STMicroelectronics M54HCU04K Datasheet HTML 2Page - STMicroelectronics M54HCU04K Datasheet HTML 3Page - STMicroelectronics M54HCU04K Datasheet HTML 4Page - STMicroelectronics M54HCU04K Datasheet HTML 5Page - STMicroelectronics M54HCU04K Datasheet HTML 6Page - STMicroelectronics M54HCU04K Datasheet HTML 7Page - STMicroelectronics M54HCU04K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
M54HCU04
3/8
Table 5: Recommended Operating Conditions
Table 6: DC Specifications
Table 7: AC Electrical Characteristics (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.7
1.7
1.7
V
4.5
3.6
3.6
3.6
6.0
4.8
4.8
4.8
VIL
Low Level Input
Voltage
2.0
0.3
0.3
0.3
V
4.5
0.9
0.9
0.9
6.0
1.2
1.2
1.2
VOH
High Level Output
Voltage
2.0
IO=-20 µA
1.8
2.0
1.8
1.8
V
4.5
IO=-20 µA
4.0
4.5
4.0
4.0
6.0
IO=-20 µA
5.5
5.9
5.5
5.5
4.5
IO=-4.0 mA
4.18
4.31
4.13
4.10
6.0
IO=-5.2 mA
5.68
5.8
5.63
5.60
VOL
Low Level Output
Voltage
2.0
IO=20 µA
0.0
0.2
0.2
0.2
V
4.5
IO=20 µA
0.0
0.5
0.5
0.5
6.0
IO=20 µA
0.1
0.5
0.5
0.5
4.5
IO=4.0 mA
0.17
0.26
0.33
0.40
6.0
IO=5.2 mA
0.18
0.26
0.33
0.40
II
Input Leakage
Current
6.0
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
6.0
VI = VCC or GND
110
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
2.0
18
60
75
90
ns
4.5
6
12
15
18
6.0
5
10
13
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com