Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS24H-R10170-CH Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS24H-R10170-CH
Description  Commercial Grade, SS24V/H-CH, 0.017 H
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS24H-R10170-CH Datasheet(HTML) 1 Page - Kemet Corporation

  SS24H-R10170-CH Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 3bb6d214-22db-4f95-8768-dbf7b2061564
KEMET Part Number: SS24H-R10170-CH
(UAL24HR10170CH)
Commercial Grade, SS24V/H-CH, 0.017 H
Dimensions
L
26mm MAX
T
26mm MAX
H
21mm MAX
S
15mm +/-0.5mm
S1
21mm +/-0.5mm
LL
4mm +/-1mm
F
0.8mm NOM
Packaging Specifications
Weight: 16.9 g
General Information
Style: Through-Hole Choke
Series: SS24V/H-CH
Description: Common Mode Filter
RoHS: Yes
Miscellaneous: Inductance Measurement
Condition: 1kHz 1V KC530
Specifications
Inductance: 17000 uH
Rated Temperature: 120C
Current: 1 Amps
Voltage AC: 250 VAC
DC Resistance: 550 mOhms
Insulation Resistance: 100 MOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - SS24H-R10170-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS24H-R10170-CH KEMET-SS24H-R10170-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
More results

Similar Description - SS24H-R10170-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 9300 uH
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 0.018 H
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 0.012 H
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
Commercial Grade, SS11V/H-CH, 9300 uH
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
SSR10H-11140 KEMET-SSR10H-11140 Datasheet
239Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.014 H
SSR10H-10170 KEMET-SSR10H-10170 Datasheet
239Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-10170 KEMET-SSR10V-10170 Datasheet
238Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.017 H
SSR10V-05595 KEMET-SSR10V-05595 Datasheet
238Kb / 1P
KEMET, SSR10V/H, Commercial Grade, 0.0595 H
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com