Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87435 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87435
Description  PC87435 Enhanced IPMI Baseboard Management Controller
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87435 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87435 Datasheet HTML 1Page - National Semiconductor (TI) PC87435 Datasheet HTML 2Page - National Semiconductor (TI) PC87435 Datasheet HTML 3Page - National Semiconductor (TI) PC87435 Datasheet HTML 4Page - National Semiconductor (TI) PC87435 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Revision 1.01
3
www.national.com
Features (Continued)
Host Controlled Function Features
s
LPC System Interface
— Synchronous cycles, up to 33 MHz bus clock
— Serial IRQ
— I/O and Memory read and write cycles
— LPC and FWH read cycles
s
Base Address (BADDR) strap to determine the base
address
of
the
configuration
Index-Data
register
pairPC01 and ACPI Compliant
— PnP Configuration Register structure
— Flexible resource allocation for all logical devices
Relocatable base address
15 IRQ routing options
— Generates SCI (PWUREQ) for ACPI systems
s
Shared Memory and Protection
— Bridges LPC access to internal and expansion
memory
— CR16B controlled, LPC access protection
— FWH transaction support
s
Real-Time Clock (RTC)
s
System Wake-Up Control (SWC)
— Wake-up on detection on:
— Software controlled off events
— Optional routing of power-up request to IRQ, SMI
and SCI (PWUREQ) lines
Clocking, Supply and Package Information
s
Strap Input Controlled Operating Modes
— TRI-STATEof all the pins
— Development (ISE/ADB)
— On-board development
— Programing Environment
s
Clocks
— Single 32.768 KHz crystal oscillator
— On-chip high frequency clock generator
CPU clock 4-20 MHz
Software-controlled frequency generation
Based on the 32.768 KHz input
— 32.768 KHz clock output
— CPU clock output
s
Power Management Control (PMC)
— Separate
3.3V
supply
for
the
CPU
and
its
peripherals (VCC), Analog (AVCC) and for the other
functions (VDD)
— All pins are 5V tolerant and back-drive protected
(except the LPC bus pins)
— Backup battery input for RTC, and wake-up configu-
ration
— Reduced power consumption capability
— Automatic wake-up on system events
s
Package options
— 176-pin LQFP package for Expansion Memory use
and development
— 128-pin LQFP package for a minimal BMC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com