Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI6C2302 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2302
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2302 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2302 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2302 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2302 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2302 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8418B
05/21/01
1
2
3
AVCC
4
CLK_OUT
CLK_IN
GND
FB_IN
8
7
6
5
AGND
VCC
S
ProductPinConfiguration
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2302
ProductFeatures
• 2X CLK_INonCLK_OUT
• High-PerformancePhase-Locked-LoopClockDistribution
for Networking, ATM, 100/134 MHz Registered DIMM
Synchronous DRAM modules for server/workstation/
PC applications
• Zero Input-to-Output delay
• Lowjitter:Cycle-to-Cyclejitter±100psmax.
• On-chip series damping resistor at clock output drivers
for low noise and EMI reduction
• Operatesat3.3VVCC
• Wide range of Clock Frequencies
• Package:
Plastic 8-pin SOIC Package (W)
Phase-Locked Loop Clock Driver
ProductDescription
The PI6C2302 features a low-skew, low-jitter, phase-locked loop
(PLL) clock driver. By connecting the feedback CLK_OUT output
to the feedback FB_IN input, the propagation delay from the
CLK_INinputtoanyclockoutputwillbenearlyzero.ThePI6C2302
provides 2X CLK_IN on CLK_OUT output.
Application
If the system designer needs more than 16 outputs with the features
just described, using two or more zero-delay buffers such as
PI6C2509Q,andPI6C2510Q,islikelytobeimpractical.Thedevice-
to-device skew introduced can significantly reduce the perfor-
mance. Pericom recommends the use of a zero-delay buffer and an
eighteen output non-zero-delay buffer. As shown in
Figure 1, this combination produces a zero-delay buffer with all the
signal characteristics of the original zero-delay buffer, but with as
many outputs as the non-zero-delay buffer part. For example, when
combined with an eighteen output non-zero delay buffer, a system
designer can create a seventeen-output zero-delay buffer.
Figure1.ThisCombinationProvidesZero-DelayBetweenthe
Reference Clocks Signal and 17 Outputs
17
Zero Delay
Buffer
PI6C2302
Reference
Clock
Signal
CLK_OUT
Feedback
18 Output
Non-Zero
Delay
Buffer
ControlInput
Se
c
r
u
o
S
t
u
p
t
u
On
w
o
d
t
u
h
S
L
L
P
1L
L
PN
0N
I
_
K
L
CY
CLK_IN
FB_IN
S
PLL
CLK_OUT
÷2
8-Pin
W


Similar Part No. - PI6C2302

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2305-1HW PERICOM-PI6C2305-1HW Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2305-1HWI PERICOM-PI6C2305-1HWI Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2305-1W PERICOM-PI6C2305-1W Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2305-1WI PERICOM-PI6C2305-1WI Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2302

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2402 PERICOM-PI6C2402 Datasheet
371Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
logo
Renesas Technology Corp
CSPT855 RENESAS-CSPT855 Datasheet
265Kb / 11P
2.5V PHASE LOCKED LOOP CLOCK DRIVER
NOVEMBER 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com