Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS2A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS2A
Description  2A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS2A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS2A Datasheet HTML 1Page - Chip Integration Technology Corporation GS2A Datasheet HTML 2Page - Chip Integration Technology Corporation GS2A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
optimize board space.
High current capability.
High surge capability.
Glass passivated chip junction inside.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Low profile surface mounted application in order to
Suffix "G" indicates Halogen-free part, ex.GS2AG.
2A Surface Mount General Purpose Rectifiers
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
GS2B
GS2D
GS2G
GS2A
GS2J
GS2K
Symbol
GS2M
GS2B
GS2D
GS2G
GS2A
GS2J
GS2K
GS2M
1000
100
200
400
50
600
800
1000
700
Document ID : DS-12G10
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
GS2A THRU GS2M
SMB(DO-214AA)
• Case : Molded plastic, DO-214AA / SMB
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.003 ounce, 0.091 gram
• Epoxy:UL94-V0 rated flame retardant
Operating temperature
O
T ( C)
J
-55 ~ +150
Max.
forward voltage
O
@2.0A, T = 25 C
A
V (V)
F
1.10
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
2.0
50
A
A
uA
OC
C
J
Diode junction capacitance
30
pF
R
θJA
Thermal resistance
50
OC/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
O
at T = 110 C
L
Marking code
0.12 6 (3 .20 )
0.08 3 (2 .10 )
0.08 7 (2 .20 )
0.07 1 (1 .80 )
0.15 7 (4 .00 )
0.13 0 (3 .30 )
0.19 1 (4 .85 )
0.15 7 (4 .00 )
0.012 (0.3 1)
MAX.
0.22 0 (5 .60 )
0.19 7 (5 .00 )
0.06 3 (1 .60 )
0.02 8 (0 .70 )
0.008 (0.2 1)
MAX.


Similar Part No. - GS2A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
838Kb / 3P
2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
logo
Gulf Semiconductor
GS2A GULFSEMI-GS2A Datasheet
164Kb / 2P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Micro Commercial Compon...
GS2A MCC-GS2A Datasheet
255Kb / 4P
2.0 Amp Silicon Rectifier 50 to 1000 Volts
logo
Yea Shin Technology Co....
GS2A YEASHIN-GS2A Datasheet
105Kb / 2P
SURFACE MOUNT RECTIFIER GLASS P ASSIVATED J UNCTION
logo
SHENZHEN YONGERJIA INDU...
GS2A WINNERJOIN-GS2A Datasheet
167Kb / 2P
Surface Mount Standard Rectifiers
More results

Similar Description - GS2A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
GS1A TAYCHIPST-GS1A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
GS2AA CITC-GS2AA Datasheet
91Kb / 3P
2A Surface Mount General Purpose Rectifiers
GS2AAS CITC-GS2AAS Datasheet
458Kb / 3P
2A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
1N400XW HORNBY-1N400XW Datasheet
207Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com