Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MH07N60CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MH07N60CT
Description  600V Silicon N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MH07N60CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MH07N60CT Datasheet HTML 1Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 2Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 3Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 4Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 5Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 6Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 7Page - Chip Integration Technology Corporation MH07N60CT Datasheet HTML 8Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Dimensions in inches and (millimeters)
■ Features
Mechanical data
O
■ Absolute(T = 25 C unless otherwise specified)
C
■ Outline
Fast switching.
ESD improved capability.
Low gate charge.
Low reverse transfer capacitances.
100% single pulse avalanche energy test.
TO-220AB
MH07N60CT
600V Silicon N-Channel Power MOSFET
PARAMETER
Continuous Drain Current
Pulsed Drain Current(1)
Repetitive Avalanche Energy(1)
Single Pulse Avalanche Energy(2)
Power Dissipation
Maximum temperature for soldering
Drain-Source Voltage
Avalanche Current(1)
Document ID : DS-21M67
Revised Date : 2015/09/16
Revision : C1
Gate-Source Voltage
CONDITIONS
Symbol
V
D S S
T
L
I
A R
MH07N60CT
±30
550
UNIT
V
mJ
I
D
300
100
7
A
O C
I
D M
E
A S
54
28
600
3.3
A
V
G S
E
A R
W
mJ
P
D
V
O
Derating factor above 25 C
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : JEDEC TO-220F molded plastic body
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026.
ed.
• Polarity: As mark
.
• Mounting Position : Any
.
• Weight : Approximated 2.25 gram
Continuous Drain Current
O
T = 100 C
C
4.5
0.8
O
W/ C
Operating and Storage Temperature Range
T , T
J
S T G
-55 ~ +150
O C
Gate source ESD
V
E S D ( G - S )
3000
V
HBM-C = 100pf, R = 1.5kΩ
Peak Diode Recovery dv/dt(3)
dV/dt
5.0
V/ns
NOTE : 1.Repetitive rating; pulse width limited by maximum junction temperature.
O
2.L=10.0mH, I = 10.5A, Start T = 25 C.
D
J
O
3.I
=7A,di/dt ≤100A/us, V ≤BV , Start T = 25 C.
S D
D D
D S
J
Drain
Source
Gate
Marking code
N
N
H
G
E
A
C1
F
C
D
symbol
Dimensions in inches(millimeters)
A
B
B1
C
C1
D
E
F
G
H
L
N
Q
ØP
Min
Max
10.10
10.50
15.0
16.0
8.90
9.50
4.30
4.80
2.30
3.00
1.20
1.40
0.70
0.90
0.35
0.55
1.17
1.37
3.30
3.80
12.70
14.70
2.34
2.74
2.40
3.00
3.70
3.90


Similar Part No. - MH07N60CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MH07N65CT CITC-MH07N65CT Datasheet
1Mb / 8P
650V Silicon N-Channel Power MOSFET
More results

Similar Description - MH07N60CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UK2996 UTC-UK2996 Datasheet
128Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
UK2996 UTC-UK2996_11 Datasheet
271Kb / 6P
600V SILICON N-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Chip Integration Techno...
MHF07N60CT CITC-MHF07N60CT Datasheet
4Mb / 8P
600V Silicon N-Channel Power MOSFET
MHF10N60CT CITC-MHF10N60CT Datasheet
2Mb / 8P
600V Silicon N-Channel Power MOSFET
MHF20N60CT CITC-MHF20N60CT Datasheet
2Mb / 8P
600V Silicon N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com