Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MHF12N65CT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # MHF12N65CT
Description  Silicon N-Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MHF12N65CT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  MHF12N65CT Datasheet HTML 1Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 2Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 3Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 4Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 5Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 6Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 7Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 8Page - Chip Integration Technology Corporation MHF12N65CT Datasheet HTML 9Page - Chip Integration Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
MHF12N65CT
Silicon N-Channel Power MOSFET
Features
■ Absolute (Tc= 25℃ unless otherwise specified):
MHF12N65CT, the silicon N-channel Enhanced VDMOSFETs,
is obtained by the self-aligned planar Technology which reduce
the conduction loss, improve switching performance and enhance
the avalanche energy. The transistor can be used in various power
switching circuit for system miniaturization and higher efficiency.
The package form is TO-220F, which accords with the RoHS standard.
• Fast Switching
Low ON Resistance(Rdson≤0.7Ω)
Low Gate Charge (Typical Data: 44nC)
Low Reverse transfer capacitances(Typical:16pF)
100% Single Pulse avalanche energy Test
Applications
Power switch circuit of adaptor and charger.
General Description
Document ID : DS-21M64
Revised Date : 2015/09/16
Revision : C1


Similar Part No. - MHF12N65CT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
MHF10N60CT CITC-MHF10N60CT Datasheet
2Mb / 8P
600V Silicon N-Channel Power MOSFET
logo
Adam Technologies, Inc.
MHF10SGL ADAM-TECH-MHF10SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF10SGS ADAM-TECH-MHF10SGS Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF14SGL ADAM-TECH-MHF14SGL Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
MHF14SGS ADAM-TECH-MHF14SGS Datasheet
127Kb / 1P
.100 IDC LATCH HEADER .100 X .100 [2.54 X 2.54]
More results

Similar Description - MHF12N65CT

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3592-01L FUJI-2SK3592-01L Datasheet
255Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3613-01 FUJI-2SK3613-01 Datasheet
116Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3646-01L FUJI-2SK3646-01L Datasheet
244Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3771-01MR FUJI-2SK3771-01MR Datasheet
99Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3776-01 FUJI-2SK3776-01 Datasheet
108Kb / 4P
N-CHANNEL SILICON POWER MOSFET
2SK3677-01MR FUJI-2SK3677-01MR Datasheet
114Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com