Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC7146 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC7146 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 6
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Figure 4: Transmit Timing Waveforms
Table 3: Transmit AC Characteristics
Parameters
Description
Min
Typ
Max
Units
Conditions
T1
T[0:19] setup time to the rising
edge of TBC
1.5
—ns
Measured between the valid
data level of T[0:19] to the
1.4V point of TBC.
T2
T[0:19] hold time after the rising
edge of TBC
1.0
ns
TSDR,TSDF
TX+/TX- rise and fall time
160
ps
20% to 80% into 50
Ω load to
VSS.
Tested on a sample basis.
TLAT
Latency from rising edge of TBC
to T0 appearing on TX+ TX-
24 bc
+1ns
45 bc
+1ns
Bit
Clock
Bit clock periods
(PLL locked)
Transmitter Output Jitter Allocation
TRJ
Serial data output random jitter
(RMS)
5
7.5
ps
RMS, tested on a sample basis.
TDJ
Serial data output deterministic
jitter (p-p)
—25
30
ps
Peak-to-peak, tested on a
sample basis.
Data Valid
T[0:19]
T1
20-Bit Data
T2
TBC
Data Valid
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com