Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD6652BBC Datasheet(PDF) 54 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 54 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 50Page - Analog Devices AD6652BBC Datasheet HTML 51Page - Analog Devices AD6652BBC Datasheet HTML 52Page - Analog Devices AD6652BBC Datasheet HTML 53Page - Analog Devices AD6652BBC Datasheet HTML 54Page - Analog Devices AD6652BBC Datasheet HTML 55Page - Analog Devices AD6652BBC Datasheet HTML 56Page - Analog Devices AD6652BBC Datasheet HTML 57Page - Analog Devices AD6652BBC Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
AD6652
Rev. 0 | Page 54 of 76
ission is a 4-bit
the link port control registers (0x1B and
and the
out of
The length of the wait before data transm
programmable value in
0x1D Bits 6–3). This value allows the AD6652 PCLK
TigerSHARC PCLK to be run at different rates and
phase.
×
TSHARC
LCLK
AD
LCLK
f
f
ciel
WAIT
_
6652
_
6
WAIT ensures that the amount of time the AD6652 needs to
wait to begin data transmission is at least equal to the minimum
amount of time the TigerSHARC is expecting it to wait. If the
PCLK of the AD6652 is out of phase with the PCLK of the
TigerSHARC and the argument to the ceil() function is an
integer, then WAIT must be strictly greater than the value given
in the above formula.
If the LCLKs are in phase, then the maximum output data rate
is
TSHARC
LCLK
AD
LCLK
f
f
_
6652
_
6
15 ×
Otherwise, it is
TSHARC
LCLK
AD
LCLK
f
f
_
6652
_
6
14 ×
TIGERSHARC CONFIGURATION
Because the AD6652 is always the transmitter in this link and
the TigerSHARC is always the receiver, the following values can
be programmed into the LCTL register for the link port used t
receive AD6652 output data.
Table 21. TigerSHARC LCTLx Register Configuration
Register
Value
o
VERE
0
SPD
User1
LTEN
0
PSIZE
1
TTOE
0
CERE
0
LREN
1
RTOE
1
1 The term User means that the actual register value depends on the user’s
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com