Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

042ASH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 042ASH
Description  Aluminum Electrolytic Capacitors Axial Standard, High Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

042ASH Datasheet(HTML) 6 Page - Vishay Siliconix

  042ASH Datasheet HTML 1Page - Vishay Siliconix 042ASH Datasheet HTML 2Page - Vishay Siliconix 042ASH Datasheet HTML 3Page - Vishay Siliconix 042ASH Datasheet HTML 4Page - Vishay Siliconix 042ASH Datasheet HTML 5Page - Vishay Siliconix 042ASH Datasheet HTML 6Page - Vishay Siliconix 042ASH Datasheet HTML 7Page - Vishay Siliconix 042ASH Datasheet HTML 8Page - Vishay Siliconix 042ASH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
041 ASH, 042 ASH, 043 ASH
www.vishay.com
Vishay BCcomponents
Revision: 19-Sep-16
6
Document Number: 28329
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 8 - Typical impedance of capacitance
as a function of ambient temperature
Fig. 9 - Typical impedance as a function of frequency
Fig. 10 - Typical impedance as a function of frequency
Fig. 11 - Typical impedance as a function of frequency
at different ambient temperatures
10
2
10
1
10
-1
Z
( )
Ω
T
amb (°C)
Z
0 = Impedance at 20 °C, 100 Hz
- 50
0
50
100
2
1
Curve 1: Case Ø D x L = 10 mm x 30 mm to 21 mm to 38 mm
Curve 2: Case Ø D x L = 8 mm x 18 mm to 10 mm to 25 mm
106
105
10
4
10
3
102
f (Hz)
Z
( )
Ω
T
amb (°C)
Case Ø D x L = 8 mm x 18 mm
10 µF
10
3
10
2
10
1
106
105
10
4
10
3
102
f (Hz)
Z
( )
Ω
T
amb (20 °C)
Case Ø D x L = 10 mm x 18 mm to 10 mm x 25 mm
10
3
10
2
10
1
Curve 1: 10 µF
Curve 2: 22 µF
1
2
106
105
10
4
10
3
102
f (Hz)
Case Ø D x L = 12.5 mm x 30 mm
10
3
10
2
10
1
10
-1
1
2
3
4
5
6
7
8
9
Curve 1: 10 μF, 350 V and 385 V; -40 °C
Curve 2: 15 μF, 250 V; -40 °C
Curve 3: 33 μF, 160 V; -40 °C
Curve 4: 10 μF, 350 V and 385 V; 20 °C
Curve 5: 15 μF, 250 V; 20 °C
Curve 6: 33 μF, 160 V; 20 °C
Curve 7: 10 μF, 350 V and 385 V; 85 °C
Curve 8: 15 μF, 250 V; 85 °C
Curve 9: 33 μF, 160 V; 85 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com