Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HPD Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HPD
Description  High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HPD Datasheet(HTML) 3 Page - Vishay Siliconix

  HPD Datasheet HTML 1Page - Vishay Siliconix HPD Datasheet HTML 2Page - Vishay Siliconix HPD Datasheet HTML 3Page - Vishay Siliconix HPD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HPC, HPD
www.vishay.com
Vishay Draloric
Revision: 11-Sep-15
3
Document Number: 22167
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING GUIDELINES
• Avoid installation in which too much torque is applied to the capacitor elements. Screw torque limit must be 5.0 Nm (44 lbf · in.)
• Do not use screws whose thread is longer than specified in the datasheet
• The capacitor elements must not be used as a mechanical support for other devices or components
CERAMIC CHARACTERISTICS (TYPICAL)
CAPACITANCE CHANGE VS. TEMPERATURE
DC VOLTAGE DEPENDENCE OF CAPACITANCE
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
-60
-50
-40
-30
-20
-10
0
10
20
30
0
102030405060708090
Temperature (
°C)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
1000
2000
3000
4000
Applied Field Strength (V/mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com