Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HR0022VR30291BB1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HR0022VR30291BB1
Description  High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HR0022VR30291BB1 Datasheet(HTML) 1 Page - Vishay Siliconix

  HR0022VR30291BB1 Datasheet HTML 1Page - Vishay Siliconix HR0022VR30291BB1 Datasheet HTML 2Page - Vishay Siliconix HR0022VR30291BB1 Datasheet HTML 3Page - Vishay Siliconix HR0022VR30291BB1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HR22, HR30, HR35
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
1
Document Number: 22162
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ring Style Capacitors,
Class 1 and Class 2 Ceramic
FEATURES
• High reliability
• Stackmounting is possible
APPLICATIONS
Ring style high voltage capacitors made from class 2
ceramic dielectric can be used as coupling and bypass
capacitors, capacitors where low power ratings are required
and larger capacitance changes where temperature can be
tolerated.
MATERIAL
Capacitor elements made from class 1 or class 2 ceramic
dielectric with noble metal electrodes.
FINISH
Noble metal electrode pure silver, inner and outer insulating
rim completely protective lacquered.
MARKING
Type designator, capacitance value and tolerance, rated
peak voltage, ceramic material code, manufacturer logo.
CAPACITANCE RANGE
100 pF to 5.0 nF
CAPACITANCE TOLERANCE
R85, R2000H: ± 20 %
R4000, R6000: -20 % to +50 %
CERAMIC DIELECTRIC
• R85 (U2J)
• R2000H (Z5U)
• R4000 (Y5U)
• R6000 (Y5U)
RATED VOLTAGE
• 2.0 kVP
• 2.8 kVP
• 3.5 kVP
• 5.6 kVP
DIELECTRIC STRENGTH TEST
300 % of rated voltage, 50 Hz, in dielectric fluid
DISSIPATION FACTOR
• R85:
max. 0.07 % (1 MHz)
• R2000H:
max. 0.5 % (1 kHz)
• R4000, R6000: max. 2.5 % (1 kHz)
INSULATION RESISTANCE
Min. 50 000 M
 (at 25 °C)
OPERATING TEMPERATURE RANGE
• Class 1: -55 °C to +85 °C
• Class 2: -55 °C to +100 °C
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
2
1
2
Ceramic Dielectric
R2000H (Z5U)
R6000 (Y5U)
R2000H (Z5U)
R6000 (Y5U) R6000 (Y5U)
R85 (U2J)
R4000 (Y5U)
Type
HR22
HR30
HR35
Voltage (Vp)
2800
2800
3500
5600
2800
3500
2000
Min. Capacitance (pF)
750
2000
1500
2500
5000
100
5000
Max. Capacitance (pF)
1000
3000
1500
2500
5000
100
5000
Mounting
Screw terminal


Similar Part No. - HR0022VR30291BB1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR002 BOTHHAND-HR002 Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR002-1 BOTHHAND-HR002-1 Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR002-1M BOTHHAND-HR002-1M Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR002A BOTHHAND-HR002A Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
More results

Similar Description - HR0022VR30291BB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOF016010 VISHAY-TOF016010 Datasheet
127Kb / 3P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
TOS020016 VISHAY-TOS020016 Datasheet
92Kb / 3P
Barrel-Style Capacitors - Class 1 and 2 Ceramic
29-Apr-02
TOSZ114096 VISHAY-TOSZ114096 Datasheet
140Kb / 2P
Barrel-Style Capacitors - Class 1 Ceramic
21-Nov-01
HAU100 VISHAY-HAU100 Datasheet
185Kb / 4P
Ceramic High Voltage Disc Capacitors, Class 1
31-Jan-2006
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
Ceramic High Voltage Disc Capacitors, Class 2
31-Jan-06
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2
07-Jan-10
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com