Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HR0030VT15238AX1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HR0030VT15238AX1
Description  High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HR0030VT15238AX1 Datasheet(HTML) 2 Page - Vishay Siliconix

  HR0030VT15238AX1 Datasheet HTML 1Page - Vishay Siliconix HR0030VT15238AX1 Datasheet HTML 2Page - Vishay Siliconix HR0030VT15238AX1 Datasheet HTML 3Page - Vishay Siliconix HR0030VT15238AX1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HR22, HR30, HR35
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
2
Document Number: 22162
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The surface temperature during operation must not exceed +100 °C
SAP PART NUMBER, ELECTRICAL AND DIMENSIONAL DATA
PART NUMBER
CERAMIC
CAP.
VALUES
(pF)
RATED
VOLTAGE
(kVP)
D1
mm
(inch)
D2
mm
(inch)
H
mm
(inch)
TYPE HR22
HR0022VR75138AX1
R2000H (Z5U)
750
2.8
10 (0.39)
22 (0.87)
7.5 (0.295)
HR0022VR10238AX1
1000
5.6 (0.220)
HR0022VR20291BB1
R6000 (Y5U)
2000
8.0 (0.315)
HR0022VR30291BB1
3000
5.3 (0.209)
TYPE HR30
HR0030VT15238AX1
R2000H (Z5U)
1500
3.5
12 (0.47)
30 (1.81)
7.6 (0.295)
HR0030VW25291BB1
R6000 (Y5U)
2500
5.6
10.0 (0.394)
HR0030VR50291BB1
5000
2.8
5.0 (0.197)
TYPE HR35
HR0035VT10138BJ1
R85 (U2J)
100
3.5
12 (0.47)
35 (1.38)
7.0 (0.276)
HR0035BB50291BA1
R4000 (Y5U)
5000
2.0
5.2 (0.205)
DIMENSIONS in millimeters (inches)
MOUNTING GUIDELINES
Ring style capacitors can be mounted in series.
• Avoid installation in which too much pressure or torque is applied to the capacitor elements
• Use spring washers in order to prevent the generation of physical stress to the capacitor elements and noble metal electrodes
• The capacitor elements must not be used as a mechanical support for other devices or components
CERAMIC CHARACTERISTICS (TYPICAL)
CAPACITANCE CHANGE VS. TEMPERATURE
DC VOLTAGE DEPENDENCE OF CAPACITANCE
H
+ 1 (+ 0.04)
- 0.5 (- 0.02)
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
-55
-35
-15
5
25
45
65
85
105
125
Temperature (
°C)
R85 (U2J)
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90
100
DC Rated Voltage (%)
R85 (U2J)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com