Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P8B28HP2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P8B28HP2
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P8B28HP2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P8B28HP2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P8B28HP2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P8B28HP2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P8B28HP2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERI
STI
C DI
AGRAMS
100
60
80
40
20
全損失減少率 −ケース温度
Power Derating - Case Temperature
25
50
75
125
150
100
Case Temperature Tc〔℃〕
単発アバランシェエネルギー減少率−チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
80
60
40
20
50
100
150
Starting Channel Temperature Tch〔℃〕
Pulse measurement
VDS=15V
TYP
過渡熱抵抗
単発アバランシェ電流−インダクタンス
TC=25℃
TYP
VGS=10V
8V
出力特性
Typical Output Characteristics
Drain・Source Voltage VDS〔V〕
16
12
14
10
02
37
Pulse measurement
VGS=6V
VGS=5V
Tc=150℃
Tc=−55℃
Tc=25℃
Tc=100℃
伝達特性
Transfer Characteristics
Gate・Source Voltage VGS〔V〕
16
12
14
10
024
10
ドレイン・ソース間オン抵抗−ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
Drain Current ID〔A〕
0.1
0.1
10 16
Pulse measurement
VGS=10V
Tc=25℃
TYP
ドレイン・ソース間オン抵抗−ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
Case Temperature Tc〔℃〕
0.05
0.1
5
Pulse measurement
−55
100
150
50
VGS=10V
TYP
ID=4A
ゲートしきい値電圧−ケース温度
Gate Threshold Voltage vs Case
Temperature
Case Temperature Tc〔℃〕
Pulse measurement
−55
100
150
50
VDS=10V
ID=1mA
TYP
4.5
3.5
2.5
安全動作領域
Safe Operating Area
Drain・Source Voltage VDS〔V〕
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
Tc=25℃
Single pulse
10ms
1ms
100μs
10μs
DC
10
50
32
24
16
0.
01
0.
10
280
100
Time t〔s〕
10-5 10-4 10-3
10-2
10-1
100
102
101
Transient Thermal Impedance
0.01
0.001
0.1
10
Inductance L〔mH〕
Single Avalanche Current vs Inductive Load
0.1
50
10
VDD=100V
VGS=15V, −0V
Rg=70Ω
0.1
0.01
10
100
EAR=4.5mJ
EAS=45mJ
IAS=8A
VVDS
DS
VDS
20
10
ゲートチャージ特性
250
150
200
100
50
Gate Charge Characteristics
02
68
10 12
14 16
ID=8A
TYP
Total Gate Charge Qg〔nC〕
VVGGSS
VGS
VDD=200V
100V
50V
キャパシタンス特性
Capacitance Characteristics
Drain・Source Voltage VDS〔V〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
Tc=25℃
f=1MHz
TYP
1000
100
10
280
80
200 240
40
120 160
P8B28HP2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
MOS-p2014.09〉)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com