Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P42F6EN Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # P42F6EN
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

P42F6EN Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  P42F6EN Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd P42F6EN Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd P42F6EN Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd P42F6EN Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■特性図 CHARACTERI
STI
C DI
AGRAMS
100
60
80
40
20
全損失減少率 −ケース温度
Power Derating - Case Temperature
25
50
75
125
150
100
Case Temperature Tc〔℃〕
単発アバランシェエネルギー減少率−チャネル温度
Single Avalanche Energy Derating vs Channel Temperature
100
80
60
40
20
50
100
150
Starting Channel Temperature Tch〔℃〕
過渡熱抵抗
TC=25℃
TYP
出力特性
Typical Output Characteristics
Drain・Source Voltage VDS〔V〕
80
84
60
40
20
70
50
30
10
0.2
0.4
0.8
0.6
0.1
0.3
0.7
0.5
Pulse measurement
VGS=10V
8V
6V
5V
伝達特性
Transfer Characteristics
Gate・Source Voltage VGS〔V〕
84
70
50
30
20
80
60
40
10
01
78
Pulse measurement
VDS=10V
TYP
Tc=150℃
Tc= −55℃
Tc=25℃
Tc=100℃
ドレイン・ソース間オン抵抗−ドレイン電流
Static Drain-Source On-state Resistance vs Drain Current
Drain Current ID〔A〕
1
50
10
1
10
84
Pulse measurement
VGS=10V
Tc=25℃
TYP
ドレイン・ソース間オン抵抗−ケース温度
Static Drain-Source On-state Resistance vs Case Temperature
Case Temperature Tc〔℃〕
10
50
Pulse measurement
−55
100
150
50
VGS=10V
TYP
ID=21A
ゲートしきい値電圧−ケース温度
Gate Threshold Voltage vs Case
Temperature
Case Temperature Tc〔℃〕
Pulse measurement
−55
100
150
50
VDS=10V
ID=1mA
TYP
2.5
3.5
4.5
1.5
安全動作領域
Safe Operating Area
Drain・Source Voltage VDS〔V〕
RDS(ON)Limited
(at VGS=10V)
Power Dissipation
Limited
Tc=25℃
Single pulse
10ms
1ms
100μs
10μs
DC
42
500
168
126
84
0.
10
10
0.1
100
60
Time t〔s〕
10-5 10-4 10-3 10-2 10-1 100
102 103
101
Transient Thermal Impedance
0.1
0.01
100
10
θja
θjc
キャパシタンス特性
Capacitance Characteristics
Drain・Source Voltage VDS〔V〕
Ciss
Ciss
Ciss
Coss
Coss
Coss
Crss
Crss
Crss
Tc=25℃
f=1MHz
TYP
10000
1000
10
100
60
40
50
10
20
30
VVGGSS
VGS
20
10
ゲートチャージ特性
60
40
50
30
20
10
Gate Charge Characteristics
20
10
30
50 60
40
80
70
ID=42A
TYP
Total Gate Charge Qg〔nC〕
VDD=48V
24V
VVDS
DS
VDS
〔Aℓ:37.5mm×37.5mm×3mm〕
Tc=25℃
f=1MHz
TYP
P42F6EN
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
MOS-p2014.07〉)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com