Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN280N07 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN280N07
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N07 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN280N07 Datasheet HTML 1Page - IXYS Corporation IXFN280N07 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Features
•Internationalstandardpackages
•miniBLOC, withAluminiumnitride
isolation
•Low R
DS (on) HDMOS
TM process
•Ruggedpolysilicongatecellstructure
•UnclampedInductiveSwitching(UIS)
rated
•Lowpackageinductance
•FastintrinsicRectifier
Applications
• DC-DC converters
• Synchronousrectification
• Batterychargers
• Switched-modeandresonant-mode
power supplies
• DC choppers
• Temperatureandlightingcontrols
• Low voltage relays
Advantages
• Easy to mount
• Space savings
• High power density
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 3 mA
70
V
V
GH(th)
V
DS
= V
GS, ID = 8 mA
2.0
4.0
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200 nA
I
DSS
V
DS
= V
DSS
T
J =
25
°C
100
µA
V
GS
= 0 V
T
J = 125°C2
mA
R
DS(on)
V
GS = 10 V, ID = 120A
5 m
Ω
Pulse test, t
≤ 300 µs,
duty cycle d
≤ 2 %
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C70
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
70
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C, Chip capability280
A
I
L(RMS)
Terminal current limit
100
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
1120
A
I
AR
T
C
= 25
°C
180
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C3
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL ≤ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
1.5/13 Nm/lb.in.
Terminal connection torque
1.5/13 Nm/lb.in.
Weight
30
g
HiPerFETTM
Power MOSFETs
Single Die MOSFET
98555B (1/02)
D
S
G
S
S
G
S
D
miniBLOC, SOT-227 B (IXFN)
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
IXFN 280N07
V
DSS
=
70
V
I
D25
=
280
A
R
DS(on) =
5 m
Ω
Ω
Ω
Ω
Ω
N-Channel Enhancement Mode
t
rr
<
250 ns
Avalanche Rated, High dv/dt, Low t
rr
Preliminary data sheet


Similar Part No. - IXFN280N07

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN280N07 IXYS-IXFN280N07_08 Datasheet
119Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN280N07

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N48 IXYS-IXFN80N48 Datasheet
137Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com