Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9235 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9235
Description  3V A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9235 Datasheet HTML 17Page - Analog Devices AD9235 Datasheet HTML 18Page - Analog Devices AD9235 Datasheet HTML 19Page - Analog Devices AD9235 Datasheet HTML 20Page - Analog Devices AD9235 Datasheet HTML 21Page - Analog Devices AD9235 Datasheet HTML 22Page - Analog Devices AD9235 Datasheet HTML 23Page - Analog Devices AD9235 Datasheet HTML 24Page - Analog Devices AD9235 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AD9235
Data Sheet
Rev. D | Page 20 of 40
LFCSP EVALUATION BOARD
The typical bench setup used to evaluate the ac performance
of the AD9235 is similar to the TSSOP Evaluation Board
connections (refer to the schematics for connection details).
The AD9235 can be driven single-ended or differentially
through a transformer. Separate power pins are provided to
isolate the DUT from the support circuitry. Each input
configuration can be selected by proper connection of
various jumpers (refer to the schematics).
An alternative differential analog input path using an AD8351
op amp is included in the layout but is not populated in produc-
tion. Designers interested in evaluating the op amp with the
ADC should remove C15, R12, and R3 and populate the op amp
circuit. The passive network between the AD8351 outputs and
the AD9235 allows the user to optimize the frequency response
of the op amp for the application.
DATA
CAPTURE
AND
PROCESSING
3V
–
+
3V
–
+
3V
–
+
3V
–
+
REFIN
10MHz
REFOUT
HP8644, 2V p-p
SIGNAL SYNTHESIZER
HP8644, 2V p-p
CLOCK SYNTHESIZER
BAND-PASS
FILTER
S4
XFMR
INPUT
S1
CLOCK
AVDD
DUT
AVDD
GND
GND DUT
DRVDD
DVDD
AD9235
TSSOP EVALUATION BOARD
J1
CLOCK
DIVIDER
Figure 43. TSSOP Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com