Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9238 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9238
Description  Dual A/D Converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9238 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9238 Datasheet HTML 17Page - Analog Devices AD9238 Datasheet HTML 18Page - Analog Devices AD9238 Datasheet HTML 19Page - Analog Devices AD9238 Datasheet HTML 20Page - Analog Devices AD9238 Datasheet HTML 21Page - Analog Devices AD9238 Datasheet HTML 22Page - Analog Devices AD9238 Datasheet HTML 23Page - Analog Devices AD9238 Datasheet HTML 24Page - Analog Devices AD9238 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AD9238
Rev. C | Page 20 of 48
External Reference Operation
The use of an external reference may be necessary to
enhance the gain accuracy of the ADC or to improve thermal
drift characteristics. When multiple ADCs track one another, a
single reference (internal or external) may be necessary to
reduce gain matching errors to an acceptable level. A high
precision external reference may also be selected to provide
lower gain and offset temperature drift. Figure 37 shows the
typical drift characteristics of the internal reference in both
1 V and 0.5 V modes. When the SENSE pin is tied to AVDD,
the internal reference is disabled, allowing the use of an
external reference. An internal reference buffer loads the
external reference with an equivalent 7 kΩ load. The internal
buffer still generates the positive and negative full-scale
references, REFT and REFB, for the ADC core. The input span
is always twice the value of the reference voltage; therefore, the
external reference must be limited to a maximum of 1 V. If the
internal reference of the AD9238 is used to drive multiple
converters to improve gain matching, the loading of the
reference by the other converters must be considered. Figure 38
depicts how the internal reference voltage is affected by loading.
VIN+
VIN–
VREF
10
μF
10
μF
10
μF
0.1
μF
0.1
μF
REFT
ADC
CORE
SELECT
LOGIC
SENSE
0.5V
AD9238
REFB
0.1
μF
R1
R2
Figure 36. Programmable Reference Configuration
TEMPERATURE (
°C)
0.2
1.2
1.0
0.8
0.6
0.4
0
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
VREF = 1V
VREF = 0.5V
Figure 37. Typical VREF Drift
LOAD (mA)
–0.20
0.05
0
–0.05
–0.10
–0.15
–0.25
0
0.5
1.0
1.5
2.0
2.5
3.0
0.5V ERROR
1V ERROR
Figure 38. VREF Accuracy vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com