Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9432 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 4 Page - Analog Devices

  AD9432 Datasheet HTML 1Page - Analog Devices AD9432 Datasheet HTML 2Page - Analog Devices AD9432 Datasheet HTML 3Page - Analog Devices AD9432 Datasheet HTML 4Page - Analog Devices AD9432 Datasheet HTML 5Page - Analog Devices AD9432 Datasheet HTML 6Page - Analog Devices AD9432 Datasheet HTML 7Page - Analog Devices AD9432 Datasheet HTML 8Page - Analog Devices AD9432 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD9432
Rev. F | Page 3 of 16
SPECIFICATIONS
VDD = 3.3 V, VCC = 5.0 V; external reference; differential encode input, unless otherwise noted.
Table 1.
Parameter
Temp
Test
80 MSPS
105 MSPS
Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
12
12
Bits
DC ACCURACY
Differential Nonlinearity (DNL)
25°C
I
−0.75
±0.25
+0.75
−0.75
±0.25
+0.75
LSB
Full
VI
−1.0
±0.5
+1.0
−1.0
±0.5
+1.0
LSB
Integral Nonlinearity (INL)
25°C
I
−1.0
±0.5
+1.0
−1.0
±0.5
+1.0
LSB
Full
VI
−1.5
±1.0
+1.5
−1.5
±1.0
+1.5
LSB
No Missing Codes
Full
VI
Guaranteed
Guaranteed
Gain Error1
25°C
I
−5
+2
+7
−5
+2
+7
% FS
Gain Tempco1
Full
V
150
150
ppm/°C
ANALOG INPUTS (AIN, AIN)
Input Voltage Range
Full
V
2
2
V p-p
Common-Mode Voltage
Full
V
3.0
3.0
V
Input Offset Voltage
Full
VI
−5
±0
+5
−5
±0
+5
mV
Input Resistance
Full
VI
2
3
4
2
3
4
Input Capacitance
25°C
V
4
4
pF
Analog Bandwidth, Full Power
25°C
V
500
500
MHz
ANALOG REFERENCE
Output Voltage
Full
VI
2.4
2.5
2.6
2.4
2.5
2.6
V
Tempco
Full
V
50
50
ppm/°C
Input Bias Current
Full
VI
15
50
15
50
μΑ
SWITCHING PERFORMANCE
Maximum Conversion Rate
Full
VI
80
105
MSPS
Minimum Conversion Rate
Full
IV
1
1
MSPS
Encode Pulse Width High (tEH)
25°C
IV
4.0
6.2
4.0
4.8
ns
Encode Pulse Width Low (tEL)
25°C
IV
4.0
6.2
4.0
4.8
ns
Aperture Delay (tA)
25°C
V
2.0
2.0
ns
Aperture Uncertainty (Jitter)
25°C
V
0.25
0.25
ps rms
Output Valid Time (tV)2
Full
VI
3.0
5.3
3.0
5.3
ns
Output Propagation Delay (tPD)2
Full
VI
5.5
8.0
5.5
8.0
ns
Output Rise Time (tR)2
Full
V
2.1
2.1
ns
Output Fall Time (tF)2
Full
V
1.9
1.9
ns
Out-of-Range Recovery Time
25°C
V
2
2
ns
Transient Response Time
25°C
V
2
2
ns
Latency
Full
IV
10
10
Cycles
DIGITAL INPUTS
Encode Input Common Mode
Full
V
1.6
1.6
V
Differential Input
(ENCODE, ENCODE)
Full
V
750
750
mV
Single-Ended Input
Logic 1 Voltage
Full
IV
2.0
2.0
V
Logic 0 Voltage
Full
IV
0.8
0.8
V
Input Resistance
Full
VI
3
5
8
3
5
8
Input Capacitance
25°C
V
4.5
4.5
pF
DIGITAL OUTPUTS
Logic 1 Voltage (VDD = 3.3 V)
Full
VI
VDD − 0.05
VDD − 0.05
V
Logic 0 Voltage (VDD = 3.3 V)
Full
VI
0.05
0.05
V
Output Coding
Twos complement
Twos complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com