Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VCR2N Datasheet(PDF) 1 Page - InterFET Corporation

Part # VCR2N
Description  N-Channel Silicon Voltage Controlled Resistor JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

VCR2N Datasheet(HTML) 1 Page - InterFET Corporation

  VCR2N Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C-8
01/99
VCR2N, VCR4N, VCR7N
N-Channel Silicon Voltage Controlled Resistor JFET
¥ Small Signal Attenuators
¥ Filters
¥ Amplifier Gain Control
¥ Oscillator Amplitude Control
Absolute maximum ratings at TA = 25¡C.
Reverse Gate Source & Reverse Gate Drain Voltage
– 15 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
300 mW
Power Derating
2.4 mW/°C
VCR2N & VCR4N
TOÐ18 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
VCR7N
TOÐ72 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
VCR2N
VCR4N
At 25°C free air temperature:
NJ72
NJ16
Process
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 15
– 15
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 5
– 0.2
nA
VGS = – 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 1
– 3.5
– 3.5
– 7
V
ID = – 1 µA, VDS = 10V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
20
60
200
600
VGS = ØV, ID = ØA
f = 1 kHz
Drain Gate Capacitance
Cdg
7.5
3
pF
VDG = 10V, IS = ØA
f = 1 MHz
Source Gate Capacitance
Csg
7.5
3
pF
VDG = 10V, ID = ØA
f = 1 MHz
VCR7N
At 25°C free air temperature:
NJ01
Process
Static Electrical Characteristics
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 15
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
nA
VGS = – 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 2.5
– 5
V
ID = – 1 µA, VDS = 10V
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
4000
8000
VGS = ØV, ID = ØA
f = 1 kHz
Drain Gate Capacitance
Cdg
1.5
pF
VDG = 10V, IS = ØA
f = 1 MHz
Source Gate Capacitance
Csg
1.5
pF
VDG = 10V, ID = ØA
f = 1 MHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:33 AM
Page C-8


Similar Part No. - VCR2N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCR2N VISHAY-VCR2N Datasheet
48Kb / 3P
JFET Voltage-Controlled Resistors
28-Jun-04
logo
Toshiba Semiconductor
VCR2N TOSHIBA-VCR2N Datasheet
79Kb / 4P
JFET Voltage-Controlled Resistors
logo
Intersil Corporation
VCR2N INTERSIL-VCR2N Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Toshiba Semiconductor
VCR2N TOSHIBA-VCR2N_05 Datasheet
79Kb / 4P
JFET Voltage-Controlled Resistors
More results

Similar Description - VCR2N

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
VCR11N LINEAR-VCR11N Datasheet
171Kb / 1P
N-CHANNEL JFET VOLTAGE CONTROLLED RESISTOR
logo
InterFET Corporation
VCR11 INTERFET-VCR11 Datasheet
88Kb / 1P
N-Channel Silicon Voltage Controlled Resistor JFET
VCR3P INTERFET-VCR3P Datasheet
88Kb / 1P
P-Channel Silicon Voltage Controlled Resistor JFET
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
N-CHANNEL SILICON JFET
2N4856 CENTRAL-2N4856 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4857 CENTRAL-2N4857 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N4858 CENTRAL-2N4858_15 Datasheet
528Kb / 2P
N-CHANNEL SILICON JFET
2N4859 CENTRAL-2N4859 Datasheet
539Kb / 2P
N-CHANNEL SILICON JFET
2N5484 CENTRAL-2N5484 Datasheet
329Kb / 2P
SILICON N-CHANNEL JFET
PN4391 CENTRAL-PN4391_15 Datasheet
329Kb / 2P
N-CHANNEL SILICON JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com