Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GAPSLR31.13 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GAPSLR31.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GAPSLR31.13 Datasheet(HTML) 1 Page - OSRAM GmbH

  GAPSLR31.13 Datasheet HTML 1Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 2Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 3Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 4Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 5Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 6Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 7Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 8Page - OSRAM GmbH GAPSLR31.13 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-06-16
1
2017-06-16
DURIS
® S 5
Datasheet
Version 1.2
GA PSLR31.13
Wide spectrum of phosphor converted colors with
excellent color rendering and supreme efficacy in cost
effective industry standard LED
Wide spectrum of phosphor converted colors with
excellent color rendering and supreme efficacy in cost
effective industry standard LED
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 610 nm ( amber )
Farbe: 610 nm ( amber )
Luminous Flux: typ. 45 lm
Lichtstrom: typ. 45 lm
Luminous efficacy: typ. 48 lm/W
Lichtausbeute: typ. 48 lm/W
Applications
Anwendungen
Architectural lighting
Architekturbeleuchtung
Accent and effect lighting
Akzent- und Effektbeleuchtung
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Linear lights
Linearbeleuchtung
Professional downlights
Professionelle Downlights
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter


Similar Part No. - GAPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GAPSLM31.23 OSRAM-GAPSLM31.23 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2020-11-23
GAPSLM31.23-GQGS-23-1 OSRAM-GAPSLM31.23-GQGS-23-1 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2020-11-23
GAPSLM31.23-GRGT-23-1 OSRAM-GAPSLM31.23-GRGT-23-1 Datasheet
1Mb / 21P
The compact, mid-power Duris® S 5 LED with industry standard 3030 package that comes with high efficacy, color quality and long lifetime.
Version 1.6 2020-11-23
More results

Similar Description - GAPSLR31.13

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG5GP-FYGY-5R8T OSRAM-LCWG5GP-FYGY-5R8T Datasheet
437Kb / 20P
Architectural lighting
GRPSLR31.13 OSRAM-GRPSLR31.13 Datasheet
878Kb / 22P
Architectural lighting
GTPSLR31.13 OSRAM-GTPSLR31.13 Datasheet
814Kb / 22P
Architectural lighting
GBDASPA1.13 OSRAM-GBDASPA1.13 Datasheet
1Mb / 22P
Architectural lighting
GDDASPA1.14 OSRAM-GDDASPA1.14 Datasheet
671Kb / 22P
Architectural lighting
GRDASPA1.23 OSRAM-GRDASPA1.23 Datasheet
904Kb / 22P
Architectural lighting
GTDASPA1.13 OSRAM-GTDASPA1.13 Datasheet
672Kb / 22P
Architectural lighting
LERTDUWS2WN OSRAM-LERTDUWS2WN Datasheet
1Mb / 25P
Architectural lighting
GWDASPA1.EC OSRAM-GWDASPA1.EC Datasheet
1Mb / 26P
Architectural lighting
GRDASPA2.23 OSRAM-GRDASPA2.23 Datasheet
1Mb / 21P
Architectural lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com