Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS5J Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GS5J
Description  General Purpose Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS5J Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GS5J Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS5J Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S057
Rev. 1.2, 28-Apr-14
www.21yangjie.com
GS5A THRU GS5M
硅整流二极管 General Purpose Rectifier
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
● Io
5.0A
● VRRM
50V-1000V
● 耐正向浪涌电流能力高
High surge current capability
● 封装:模压塑料
Cases: Molded plastic
■用途
Applications
●整流用 Rectifier
■极限值(绝对最大额定值)
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Conditions
GS5
A
B
D
G
J
K
M
反向重复峰值电压
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200 400 600
800
1000
正向平均电流
Average Forward Current
IF(AV)
A
正弦半波
60Hz,电阻负载,TL=75℃
60HZ Half-sine wave, Resistance
load, TL=75℃
5
正向(不重复)浪涌电流
Surge(Non-repetitive)Forward
Current
IFSM
A
正弦半波
60Hz,一个周期,Ta=25℃
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
120
结温
Junction Temperature
TJ
-55~+150
储存温度
Storage Temperature
TSTG
-55 ~ +150
■电特性
(Ta=25℃ 除非另有规定)
Electrical Characteristics (Ta=25℃ Unless otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
测试条件
Test Condition
GS5
A
B
D
G
J
K
M
正向峰值电压
Peak Forward Voltage
V
F
V
I
F=5.0A
1.15
反向漏电流
Peak Reverse Current
I
RRM1
μA
VRM=VRRM
Ta =25℃
10
I
RRM2
Ta =125℃
250
热阻(典型)
Thermal
Resistance(Typical)
RθJ-A
/W
结和环境之间
Between junction and ambient
47
1)
RθJ-L
结和终端之间
Between junction and terminal
13
1)
备注:Notes:
1) 热阻从结到环境及从结到引线,在电路板的0.3" x 0.3" (8.0毫米 x 8.0毫米)铜垫片区
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper
pad areas
Dimensions in inches and (millimeters)
DO-214AB(SMC)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.129(3.27)
.112(2.85)
.103(2.61)
.078(1.99)
.060(1.52)
.030(0.76)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.119(3.03)
0.390
(9.90)
Mounting Pad Layout
0.151
(3.84)
0.150
(3.82)
.320(8.13)
.305(7.75)
COMPLIANT
RoHS


Similar Part No. - GS5J

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS5J YANGJIE-GS5J Datasheet
141Kb / 2P
General Purpose Rectifier
logo
Shanghai Shunye Electro...
GS5J SHUNYE-GS5J Datasheet
992Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
RFE international
GS5J RFE-GS5J Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier GS5A Through GS5M
07-17-2020
logo
SUNMATE electronic Co.,...
GS5JBF SUNMATE-GS5JBF Datasheet
374Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
GS5JC SUNMATE-GS5JC Datasheet
312Kb / 2P
SURFACE MOUNT RECTIFIER DIODES
More results

Similar Description - GS5J

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GS3AB YANGJIE-GS3AB Datasheet
140Kb / 2P
General Purpose Rectifier
RL251 YANGJIE-RL251 Datasheet
135Kb / 2P
General Purpose Rectifier
logo
Suntan Capacitors
10A05 SUNTAN-10A05 Datasheet
270Kb / 2P
GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
1A1G YANGJIE-1A1G Datasheet
206Kb / 4P
General Purpose Rectifier
1A1 YANGJIE-1A1_17 Datasheet
206Kb / 4P
General Purpose Rectifier
1N4001 YANGJIE-1N4001_17 Datasheet
207Kb / 4P
General Purpose Rectifier
logo
New Jersey Semi-Conduct...
IN4587 NJSEMI-IN4587 Datasheet
145Kb / 2P
General Purpose Rectifier
logo
Inchange Semiconductor ...
1N4590 ISC-1N4590 Datasheet
210Kb / 2P
General Purpose Rectifier
logo
SiPower Inc.
SPAL00340LF SIPOWER-SPAL00340LF Datasheet
288Kb / 1P
General Purpose Rectifier
logo
First Silicon Co., Ltd
6A05 FS-6A05 Datasheet
120Kb / 2P
General Purpose Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com