Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LOT67F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOT67F
Description  Automotive Lighting Interior and Exterior
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT67F Datasheet(HTML) 1 Page - OSRAM GmbH

  LOT67F Datasheet HTML 1Page - OSRAM GmbH LOT67F Datasheet HTML 2Page - OSRAM GmbH LOT67F Datasheet HTML 3Page - OSRAM GmbH LOT67F Datasheet HTML 4Page - OSRAM GmbH LOT67F Datasheet HTML 5Page - OSRAM GmbH LOT67F Datasheet HTML 6Page - OSRAM GmbH LOT67F Datasheet HTML 7Page - OSRAM GmbH LOT67F Datasheet HTML 8Page - OSRAM GmbH LOT67F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2013-10-08
1
2013-10-08
TOPLED
Datasheet
Version 1.0
LO T67F
First SMT LED with integrated reflector. With our great
experience on SMT LED we are able to offer a high
quality product for all kind of applications.
Erste SMT LED mit integrierten Reflektor. Mit unserer
großen Erfahrung auf dem Gebiet der SMT LEDs sind
wir in der Lage ein qualitativ hochwertiges Produkt für
alle Anwenundgen anzubieten.
Features:
Besondere Merkmale:
• Package: white PLCC-2 package, colorless clear
resin
• Gehäusetyp: weisses PLCC-2 Gehäuse,
farbloser klarer Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: orange (606 nm)
• Farbe: orange (606 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Traffic lights
• Ampelanlagen
• Backlighting
• Hinterleuchtung
• Automotive Lighting Interior and Exterior
• Automobilbeleuchtung innen und außen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LOT67F

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LOT67F-U2AB-24-1 TO-GRACE-LOT67F-U2AB-24-1 Datasheet
804Kb / 9P
Power SMD LED PLCC-2
More results

Similar Description - LOT67F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
Automotive Lighting Interior and Exterior
LYE63B OSRAM-LYE63B Datasheet
370Kb / 21P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com