Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR1040FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR1040FCT
Description  10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR1040FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR1040FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR1040FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings
•
Operating Junction Temperature: -50°C to +150°C
•
Storage Temperature: -50°C to +150°C
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100°C
Peak Forward Surge
Current
IFSM
120A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
1045FCT-1045FCT
1060FCT
VF
.70V
.75V
IFM = 5A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
ITO-220
TJ = 25°C
IR
10100FCT
.85V
0.1mA
TC = 25°C
50mA
TC = 100°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR1040
FCT MBR1040FCT
40V
2
8V
40V
MBR10
45FCT MBR1045FCT
45V
31.5V
45V
MBR10100
FCT MBR10100FCT
100V
70V
100V
MBR1060
FCT MBR1060FCT
60V
42V
60V
•
Low Power Loss
•
High Efficiency
•
Low Forward Voltage , High Current Capability
•
High surge capacity
•
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
.035(1.00)
.022(0.55)
.067(1.70)
.039(1.00)
.189(4.80)
.169(4.30)
.134(3.40)
.110(2.54)
.031(0.80)
.015(0.38)
.114(2.90)
.098(2.50)
.138(3.50)
.118(3.00)
.560(14.22)
.492(12.50)
.406(10.30)
.382(9.70)
.642(16.30)
.571(14.50)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.171(4.35)
.138(3.50)
MAX.(1.80)
Dimensions in inches and (millimeters)
1
MBR1040FCT THRU MBR1060FCT
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR1040FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR1040FCT MCC-MBR1040FCT Datasheet
664Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Compact Technology Corp...
MBR1040FCT CTC-MBR1040FCT Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040FCT PANJIT-MBR1040FCT Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR1040FCT MCC-MBR1040FCT Datasheet
259Kb / 3P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1040FCT KERSEMI-MBR1040FCT Datasheet
1Mb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1040FCT

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR10100AULPS PACELEADER-MBR10100AULPS Datasheet
383Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 100V
MBR10100CT PACELEADER-MBR10100CT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 100V
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com