Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR2040CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR2040CT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR2040CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR2040CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR2040CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•
Meatl of Silicon Rectifier, Majority Conduction
•
Guard ring for transient protection
•
Low Forward Voltage Drop
•
High Current Capability, High Efficiency
•
Marking : type number
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR2040CT
40V
28V
40V
MBR2045CT
45V
31.5V
45V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TA = 120°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
20 CT-2045CT
2060CT
VF
.70V
.80V
*Pulse Test: Pulse Width 300µsec, Duty Cycle 2%
20 0CT-2045CT
2060CT
.84V
.95V
20 0CT
.95V
IFM = 20A;
TA =25°C
IFM = 10A;
TA =25°C
20 0CT
.85V
20 0CT-2045CT
2060CT
.72V
.85V
20 0CT
.85V
IFM = 20A;
TA =125°C
MBR20100CT
100V
70V
100V
MBR2060CT
60V
42V
60V
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
2040CT~2045CT
2060CT~20100CT
2040CT~2045CT
2060CT~20100CT
TA = 25°C
TA = 125°C
0.1mA
0.15mA
50mA
150mA
*
*
*
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
•
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum Ratings
Mounting Torgue: 5 in-lbs Maximum
•
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
TO-220AB
Dimensions in inches and (millimeters)
.190(4.83)
.210(5.33)
.190(2.29)
.110(2.79)
.380(9.65)
.420(10.67)
.140(3.56)
.190(4.82)
.045(1.14)
.055(1.39)
.050(1.27)
.050(1.14)
.060(1.52)
.080(2.04)
.115(2.92)
.012(0.30)
.025(0.64)
IR
PIN 1
PIN 3
PIN 2
CASE
1
2
3
.020(0.51)
.045(1.14)
1
MBR2040CT
THRU MBR20100CT
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
Micro Commercial Compon...
MBR2040CT MCC-MBR2040CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR2040CT DIODES-MBR2040CT Datasheet
67Kb / 3P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. 9 - 2
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
45Kb / 2P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR2040CT BILIN-MBR2040CT Datasheet
353Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR2040CT

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR1040FCT PACELEADER-MBR1040FCT Datasheet
358Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20150CT PACELEADER-MBR20150CT Datasheet
359Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150FCT PACELEADER-MBR20150FCT Datasheet
345Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR2040C PACELEADER-SR2040C Datasheet
485Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com