Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR10200FCT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR10200FCT
Description  10.0A SCHOTTKY BARRIER RECTIFIERS 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR10200FCT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR10200FCT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR10200FCT Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Maximum Ratings
•
Operating Junction Temperature: -50°C to +150°C
•
Storage Temperature: -50°C to +150°C
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR10200FCT
200V
140V
200V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TC = 100°C
Peak Forward Surge
Current
IFSM
125A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
ITO-220
VF
.92V
IF = 5A;
.82V
IF = 5A;
TJ = 25°C
TJ = 125°C
•
•
High Junction Temperature Capability
•
Low Forward Voltage
•
Marking: type number
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
and MSL Rating 1
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
IR
500uA
TJ = 25°C
7mA
TJ =100°C
•
Thermal Resistance,Junction to Case per Leg:RthJC=4.0O
Junction to Ambient per Leg:RthJA=4.0OC/W
C/W
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR10200FCT
.035(1.00)
.022(0.55)
.067(1.70)
.039(1.00)
.189(4.80)
.169(4.30)
.134(3.40)
.110(2.54)
.031(0.80)
.015(0.38)
.114(2.90)
.098(2.50)
.138(3.50)
.118(3.00)
.560(14.22)
.492(12.50)
.406(10.30)
.382(9.70)
.642(16.30)
.571(14.50)
.108(2.75)
.091(2.30)
.114(2.90)
.098(2.50)
.171(4.35)
.138(3.50)
Dimensions in inches and (millimeters)
MAX.(1.80)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR10200FCT

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
MBR10200FCT CTC-MBR10200FCT Datasheet
60Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR10200FCT PANJIT-MBR10200FCT Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
MBR10200FCT SIRECT-MBR10200FCT Datasheet
133Kb / 3P
Power Schottky Rectifier - 10Amp 200Volt
logo
Compact Technology Corp...
MBR10200FCT CTC-MBR10200FCT Datasheet
80Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
MBR10200FCT FRONTIER-MBR10200FCT Datasheet
523Kb / 2P
10A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR10200FCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SR1020 LUGUANG-SR1020 Datasheet
189Kb / 2P
10.0A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SP1040C WILLAS-SP1040C Datasheet
322Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SP1040 WILLAS-SP1040 Datasheet
871Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C WILLAS-SR1040C Datasheet
317Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040 WILLAS-SR1040 Datasheet
543Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
Formosa MS
SKFM1020C-D2 FORMOSA-SKFM1020C-D2 Datasheet
169Kb / 7P
10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
logo
Nanjing International G...
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
SCHOTTKY BARRIER RECTIFIERS 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP1040C PACELEADER-SP1040C Datasheet
446Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
SR1040C PACELEADER-SR1040C Datasheet
442Kb / 2P
10.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com