Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR20150CT Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # MBR20150CT
Description  20.0A SCHOTTKY BARRIER RECTIFIERS 150V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MBR20150CT Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  MBR20150CT Datasheet HTML 1Page - PACELEADER INDUSTRIAL MBR20150CT Datasheet HTML 2Page - PACELEADER INDUSTRIAL MBR20150CT Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
High Junction Temperature Capability
Low Leakage Current
Catalog
Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MBR 20150 CT
150 V
105V
150 V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
TC =155
°C
Peak Forward Surge
Current
IFSM
180A
8.3ms,half
Maximum
Instantaneous
Forward Voltage
MBR20150CT
VF
.92V
* Pulse Test: Pulse Width380
µsec, Duty Cycle 2%
IFM =10A
TJ =25
°C
TO-220AB
Maximum Ratings
Operating J unction Temperature : 150
°C
Storage Temperature: - 50
°C to +150°C
Per d iode Thermal Resistance 2.2°C/W Junction to Case
Total Thermal Resistance 1.3°C/W Junction to Case
Maximum
Reverse Current At
Rated DC Blocking
Voltage
IR
25
µ A
TJ = 25
°C
5m A
TJ = 125
°C
VF
.75V
IFM = 10A
TJ = 125
°C
sine wave
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Marking : type number
Mounting Torgue:
5 in-lbs Maximum
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20150CT
Dimensions in inches and (millimeters)
.190(4.83)
.210(5.33)
.190(2.29)
.110(2.79)
.380(9.65)
.420(10.67)
.140(3.56)
.190(4.82)
.045(1.14)
.055(1.39)
.050(1.27)
.050(1.14)
.060(1.52)
.080(2.04)
.115(2.92)
.012(0.30)
.025(0.64)
1
www.paceleader.tw
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”


Similar Part No. - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150CT MCC-MBR20150CT Datasheet
382Kb / 3P
20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
Taiwan Semiconductor Co...
MBR20150CT TSC-MBR20150CT Datasheet
102Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBR20150CT TSC-MBR20150CT Datasheet
356Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBR20150CT KEC-MBR20150CT Datasheet
35Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION.
logo
Sirectifier Semiconduct...
MBR20150CT SIRECTIFIER-MBR20150CT Datasheet
193Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
More results

Similar Description - MBR20150CT

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB20150CT GULFSEMI-SB20150CT Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
SB20150FCT GULFSEMI-SB20150FCT Datasheet
121Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 20.0A
logo
WILLAS ELECTRONIC CORP
SP2040C WILLAS-SP2040C Datasheet
374Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V -200V
SR2040C WILLAS-SR2040C Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
logo
PACELEADER INDUSTRIAL
MBR2040CT PACELEADER-MBR2040CT Datasheet
367Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR2040FCT PACELEADER-MBR2040FCT Datasheet
363Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 100V
MBR20150FCT PACELEADER-MBR20150FCT Datasheet
345Kb / 3P
20.0A SCHOTTKY BARRIER RECTIFIERS 150V
MBR20200CT PACELEADER-MBR20200CT Datasheet
384Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
MBR20200FCT PACELEADER-MBR20200FCT Datasheet
359Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS 200V
SP2040C PACELEADER-SP2040C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com