Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADAV803 Datasheet(PDF) 7 Page - Analog Devices

Part # ADAV803
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV803 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAV803 Datasheet HTML 3Page - Analog Devices ADAV803 Datasheet HTML 4Page - Analog Devices ADAV803 Datasheet HTML 5Page - Analog Devices ADAV803 Datasheet HTML 6Page - Analog Devices ADAV803 Datasheet HTML 7Page - Analog Devices ADAV803 Datasheet HTML 8Page - Analog Devices ADAV803 Datasheet HTML 9Page - Analog Devices ADAV803 Datasheet HTML 10Page - Analog Devices ADAV803 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
ADAV803
Rev. A | Page 6 of 60
Parameter
Min
Typ
Max
Unit
Comments
POWER
Supplies
Voltage, AVDD
3.0
3.3
3.6
V
Voltage, DVDD
3.0
3.3
3.6
V
Voltage, ODVDD
3.0
3.3
3.6
V
Operating Current
All supplies at 3.3 V
Analog Current
60
mA
Digital Current
38
mA
Digital Interface Current
13
mA
DIRIN/DIROUT Current
5
mA
PLL Current
18
mA
Power-Down Current
RESET low, no MCLK
Analog Current
18
mA
Digital Current
2.5
mA
Digital Interface Current
700
μA
DIRIN/DIROUT Current
3.5
mA
PLL Current
900
μA
Power Supply Rejection
Signal at Analog Supply Pins
−70
dB
1 kHz, 300 mV p-p
−70
dB
20 kHz, 300 mV p-p
1 Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com