Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JCS6N70BC Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS6N70BC
Description  Electronic ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS6N70BC Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS6N70BC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70BC Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
R
版本:201706L
1/21
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS6N70C
主要参数
MAIN
CHARACTERISTICS
ID
6.0 A
VDSS
700 V
Rdson-max
(@Vgs=10V)
1.6
Qg-typ
31 nC
用途
 高频开关电源
 电子镇流器
 UPS 电源
APPLICATIONS
High frequency switching
mode power supply
Electronic ballast
UPS
产品特性
低栅极电荷
低 C
rss (典型值 14pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical 14pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
封装 Package
TO-126P


Similar Part No. - JCS6N70BC

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS6N70BC-O-B-N-B JSMC-JCS6N70BC-O-B-N-B Datasheet
1Mb / 16P
Electronic ballast
JCS6N70BC-O-B-N-B JSMC-JCS6N70BC-O-B-N-B Datasheet
2Mb / 21P
Electronic ballast
JCS6N70BC-O-B2-N-B JSMC-JCS6N70BC-O-B2-N-B Datasheet
2Mb / 21P
Electronic ballast
More results

Similar Description - JCS6N70BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5565 PHILIPS-NE5565 Datasheet
73Kb / 6P
Electronic ballast controller circuit
1996 May 21
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
Electronic Ballast Controller
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
Electronic Ballast Controller
ML4832 MICRO-LINEAR-ML4832 Datasheet
285Kb / 15P
Electronic Dimming Ballast Controller
ML4833 MICRO-LINEAR-ML4833 Datasheet
270Kb / 13P
Electronic Dimming Ballast Controller
logo
JILIN SINO-MICROELECTRO...
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
Electronic ballast
JCS5N65FB JSMC-JCS5N65FB Datasheet
612Kb / 9P
Electronic ballast
JCS6N70C JSMC-JCS6N70C Datasheet
1Mb / 16P
Electronic ballast
JCS6N70CC JSMC-JCS6N70CC Datasheet
2Mb / 21P
Electronic ballast
JCS7N80H JSMC-JCS7N80H Datasheet
961Kb / 9P
Electronic ballast
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com