Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JCS6N70CC Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS6N70CC
Description  Electronic ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS6N70CC Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS6N70CC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS6N70CC Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
R
JCS6N70C
版本:201706L
2/21
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS6N70VC-O-V2-N-B
JCS6N70V
IPAK-S2
NO
条管 Tube
0.34 g(typ)
JCS6N70VC-O-V-N-B
JCS6N70V
IPAK
NO
条管 Tube
0.35 g(typ)
JCS6N70VC-R-V-N-B
JCS6N70V
IPAK
是 YES
条管 Tube
0.35 g(typ)
JCS6N70VC-R-V5-N-B
JCS6N70V
IPAK-WS2
是 YES
条管 Tube
0.35 g(typ)
JCS6N70RC-O-R-N-B
JCS6N70R
DPAK
NO
条管 Tube
0.30 g(typ)
JCS6N70RC-O-R-N-A
JCS6N70R
DPAK
NO
编带 Reel
0.30 g(typ)
JCS6N70MPC-O-MP-N-B
JCS6N70MP
TO-126P
NO
条管 Tube
0.69 g(typ)
JCS6N70CC-O-C-N-B
JCS6N70C
TO-220C
NO
条管 Tube
2.15 g(typ)
JCS6N70FC-O-F-N-B
JCS6N70F
TO-220MF
NO
条管 Tube
2.20 g(typ)
JCS6N70FC-O-F1-N-B
JCS6N70F
TO-220MF-K1
NO
条管 Tube
1.78 g(typ)
JCS6N70FC-O-F2-N-B
JCS6N70F
TO-220MF-K2
NO
条管 Tube
1.78 g(typ)
JCS6N70SC-O-S-N-B
JCS6N70S
TO-263
NO
条管 Tube
1.37 g(typ)
JCS6N70SC-O-S-N-A
JCS6N70S
TO-263
NO
编带 Reel
1.37 g(typ)
JCS6N70BC-O-B-N-B
JCS6N70B
TO-262
NO
条管 Tube
1.71 g(typ)
JCS6N70BC-O-B2-N-B
JCS6N70B
TO-262-S1
NO
条管 Tube
1.69 g(typ)
订货信息 ORDER MESSAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com