Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JCS8HN60C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS8HN60C
Description  LED power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS8HN60C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS8HN60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
R
版本:201510B
1/14
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS8HN60C
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS8HN60VC-O-V-N-B
JCS8HN60VC
IPAK
NO
条管 Tube
0.35 g(typ)
JCS8HN60RC-O-R-N-B
JCS8HN60RC
DPAK
NO
条管 Tube
0.30 g(typ)
JCS8HN60RC-O-R-N-A
JCS8HN60RC
DPAK
NO
编带 Reel
0.30 g(typ)
JCS8HN60CC-O-C-N-B
JCS8HN60CC
TO-220C
NO
条管 Tube
2.15 g(typ)
JCS8HN60FC-O-F-N-B
JCS8HN60FC
TO-220MF
NO
条管 Tube
2.20 g(typ)
JCS8HN60SC-O-F-N-B
JCS8HN60SC
TO-263
NO
条管 Tube
1.37 g(typ)
JCS8HN60SC-O-F-N-A
JCS8HN60SC
TO-263
NO
编带 Reel
1.37 g(typ)
JCS8HN60BC-O-F-N-B
JCS8HN60BC
TO-262
NO
条管 Tube
1.71 g(typ)
主要参数
MAIN
CHARACTERISTICS
ID
8.0 A
VDSS
600 V
Rdson-max
(@Vgs=10V)
1.6
Qg-typ
32 nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
High frequency switching
mode power supply
Electronic ballast
LED power supply
产品特性
低栅极电荷
低 C
rss (典型值 14pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical 14pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE
封装 Package


Similar Part No. - JCS8HN60C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS80N10CF-O-C-N-B JSMC-JCS80N10CF-O-C-N-B Datasheet
619Kb / 11P
N-CHANNEL MOSFET
JCS80N10F JSMC-JCS80N10F Datasheet
619Kb / 11P
N-CHANNEL MOSFET
JCS80N10FF-O-F-N-B JSMC-JCS80N10FF-O-F-N-B Datasheet
619Kb / 11P
N-CHANNEL MOSFET
JCS80N10SF-O-S-N-A JSMC-JCS80N10SF-O-S-N-A Datasheet
619Kb / 11P
N-CHANNEL MOSFET
JCS80N10SF-O-S-N-B JSMC-JCS80N10SF-O-S-N-B Datasheet
619Kb / 11P
N-CHANNEL MOSFET
More results

Similar Description - JCS8HN60C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
LED Power Supply
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
LED Power Supply
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
LED Power Supply
LXV200 ETC2-LXV200 Datasheet
398Kb / 2P
LED Power Supply
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
LED Power Supply
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
LED Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com