Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JCS10N65FC Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N65FC
Description  Low gate charge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N65FC Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS10N65FC Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N65FC Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
版本
特征
1
10
Dr
C
R
本:201510D
征曲线
EL
1
1
0
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
On-Reg
On-Resist
rain Curre
Capacitan
ECTRICAL
V
DS
ion Chara
tance Var
ent and Ga
nce Charac
L CHARAC
10
Notes:
1. 250μs pulse
2. T
C=25
S [V]
acteristics
iation vs.
ate Voltag
cteristics
Ciss
Co
Crss
CTERISTI
e test
0.1
1
10
0
s
ge
B
oss
s
CS (curve
2
0.1
1
10
150
0
0.2
0.3
0.4
0.
150
Tran
Body Diod
vs. Sourc
Gate C
es)
46
25
V
.50.6
0.70.8
V
SD [V
nsfer Char
de Forwar
ce Current
Charge Ch
JCS10
8
Notes:
1.250μs p
2.V
DS=40
V
GS [V]
8
0.9
1.0
1.1
Notes:
1. 250μs puls
2. V
GS=0V
25
V]
racteristic
rd Voltage
t and Tem
haracterist
N65FC
5/10
10
pulse test
V
1.2
1.3
se test
cs
Variation
mperature
tics
n



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com